Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology LTC1740 Datasheet HTML 10Page - Linear Technology LTC1740 Datasheet HTML 11Page - Linear Technology LTC1740 Datasheet HTML 12Page - Linear Technology LTC1740 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1740
1740f
APPLICATIO S I FOR ATIO
Conversion Details
The LTC1740 is a high performance 14-bit A/D converter
that operates up to 6Msps. It is a complete solution with
an on-chip sample-and-hold, a 14-bit pipelined CMOS
ADC and a low drift programmable reference. The digital
output is parallel, with a 14-bit two’s complement format
and an out-of-range (overflow) bit.
The rising edge of the CLK begins the conversion. The
differential analog inputs are simultaneously sampled and
passed on to the pipelined A/D. After two more conversion
starts (plus a 100ns conversion time) the digital outputs
are updated with the conversion result and will be ready for
capture on the third rising clock edge. Thus even though
a new conversion is begun every time CLK goes high, each
result takes three clock cycles to reach the output.
The analog signals that are passed from stage to stage in
the pipelined A/D are stored on capacitors. The signals on
these capacitors will be lost if the delay between conver-
sions is too long. For accurate conversion results, the part
should be clocked faster than 50kHz.
In some pipelined A/D converters if there is no clock present,
dynamic logic on the chip will droop and the power con-
sumption sharply increases. The LTC1740 doesn’t have
this problem. If the part is not clocked for 1ms, an internal
timer will refresh the dynamic logic. Thus the clock can be
turned off for long periods of time to save power.
Power Supplies
The LTC1740 will operate from either a single 5V or dual
±5V supply, making it easy to interface the analog input to
single or dual supply systems. The digital output drivers
have their own power supply pin (OVDD) which can be set
from 3V to 5V, allowing direct connection to either 3V or
5V digital systems. For single supply operation, VSS should
be connected to analog ground. For dual supply operation,
VSS should be connected to – 5V. All VDD pins should be
connected to a clean 5V analog supply. (Don’t connect VDD
to a noisy system digital supply.)
Analog Input Range
The LTC1740 has a flexible analog input with a wide
selection of input ranges. The input range is always
differential and is set by the voltage at the VREF pin
(Figure 1). The input range of the A/D core is fixed at
±VREF/1.8. The reference voltage, VREF, is either set by the
on-chip voltage reference or directly driven by an external
voltage.
Internal Reference
Figure 2 shows a simplified schematic of the LTC1740
reference circuitry. An on-chip temperature compensated
bandgap reference (VCM) is factory trimmed to 2.500V.
The voltage at the VREF pin sets the input span of the ADC
to
±VREF/1.8. An internal voltage divider converts VCM to
2.250V, which is connected to a reference amplifier. The
reference programming pin, SENSE, controls how the
VREF
–AIN
+AIN
1740 F01
VIN
+
–
±VREF
1.8
ADC
CORE
Figure 1. Analog Input Circuit
VCM
SENSE
VREF
1740 F02
–
+
R1
5k
LOGIC
2.5V
REFERENCE
2.250V
1
µF
1
µF
1k
TO
ADC
R2
5k
Figure 2. Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com