Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 4 Page - Linear Technology

  LTC1740 Datasheet HTML 1Page - Linear Technology LTC1740 Datasheet HTML 2Page - Linear Technology LTC1740 Datasheet HTML 3Page - Linear Technology LTC1740 Datasheet HTML 4Page - Linear Technology LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1740
1740f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V, VSS = 0V
q
2.4
V
VDD = 5.25V, VSS = – 5V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V, VSS = 0V
q
0.8
V
VDD = 4.75V, VSS = – 5V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
1.8
pF
VOH
High Level Output Voltage
0VDD = 4.75V, IO = –10µA
4.74
V
0VDD = 4.75V, IO = –200µA
q
4.0
4.71
V
0VDD = 2.7V, IO = –10µA
2.6
V
0VDD = 2.7V, IO = –200µA
q
2.3
V
VOL
Low Level Output Voltage
0VDD = 4.75V, IO = 160µA
0.05
V
0VDD = 4.75V, IO = 1.6mA
q
0.10
0.4
V
0VDD = 2.7V, IO = 160µA
0.05
V
0VDD = 2.7V, IO = 1.6mA
q
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V, 0VDD = 5V
50
mA
ISINK
Output Sink Current
VOUT = VDD, 0VDD = 5V
35
mA
The q denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single
supply operation. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Note 9)
4.75
5.25
V
OVDD
Output Supply Voltage
(Note 9)
2.7
VDD
V
VSS
Negative Supply Voltage
Dual Supply Mode
– 5.25
– 4.75
V
Single Supply Mode
0
V
IDD
Positive Supply Current
q
47
60
mA
ISS
Negative Supply Current
q
2.3
2.6
mA
PD
Power Dissipation
q
245
300
mW
The q denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE
Sampling Frequency
q
0.05
6
MHz
tCONV
Conversion Time
q
100
135
ns
tACQ
Acquisition Time
(Note 9)
q
31
67
ns
tH
CLK High Time
(Note 9)
q
20
83.3
ns
tL
CLK Low Time
(Note 9)
q
20
83.3
ns
tAP
Aperature Delay of Sample-and-Hold
– 900
ps
t1
CLK
↑ to BUSY↓
3.5
ns
t2
BUSY
↑ to Outputs Valid
1.5
ns
Data Latency
3
Cycles
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation.
(Note 4)
DIGITAL I PUTS A D DIGITAL OUTPUTS
POWER REQUIRE E TS
TI I G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com