Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 5 Page - Linear Technology

  LTC1740 Datasheet HTML 1Page - Linear Technology LTC1740 Datasheet HTML 2Page - Linear Technology LTC1740 Datasheet HTML 3Page - Linear Technology LTC1740 Datasheet HTML 4Page - Linear Technology LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1740
1740f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below VSS or above VDD, they
will be clamped by internal diodes. This product can handle input currents
greater than 100mA below VSS or above VDD without latchup.
Note 4: VDD = 5V, VSS = –5V or 0V, fSAMPLE = 6MHz, tr = tf = 5ns unless
otherwise specified.
Note 5: Linearity, offset and full-scale specifications apply for a
single-ended +AIN input with – AIN tied to VCM for single supply and 0V for
dual supply.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar offset is the offset voltage measured from –0.5LSB
when the output code flickers between 00 0000 0000 0000 and
11 1111 1111 1111.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
TI I G CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Typical INL at 6Msps
Typical DNL at 6Msps
S/(N + D) vs Input Frequency
and Amplitude
CODE
0
0
0.5
1.0
16384
1740 G01
–0.5
–1.0
–2.0
4096
8192
12288
–1.5
2.0
1.5
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1740 G02
–0.6
0.6
0.8
0.2
12288
16384
INPUT FREQUENCY (MHz)
0.1
50
55
60
65
70
80
110
1740 G03
100
75
VIN = 0dBFS
VIN = –6dBFS
VIN = –20dBFS
DUAL SUPPLIES
5V INPUT RANGE
DIFFERENTIAL INPUT
6Msps
S/(N + D) vs Input Frequency
and Amplitude
INPUT FREQUENCY (MHz)
0.1
50
55
60
65
70
80
110
1740 G04
100
75
VIN = 0dBFS
VIN = –6dBFS
VIN = –20dBFS
SINGLE SUPPLY
5V INPUT RANGE
DIFFERENTIAL INPUT
6Msps
SFDR and THD
vs Input Frequency
INPUT FREQUENCY (MHz)
0.1
50
55
65
70
75
10
95
1740 G05
60
1
100
80
85
90
SFDR
–THD
DUAL SUPPLIES
5V INPUT RANGE
AIN = 0dBFS
DIFFERENTIAL INPUT
6Msps
INPUT FREQUENCY (MHz)
0.1
50
55
65
70
75
10
95
1740 G06
60
1
100
80
85
90
SFDR
–THD
SINGLE SUPPLY
5V INPUT RANGE
AIN = 0dBFS
DIFFERENTIAL INPUT
6Msps
SFDR and THD
vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com