Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology LTC1740 Datasheet HTML 10Page - Linear Technology LTC1740 Datasheet HTML 11Page - Linear Technology LTC1740 Datasheet HTML 12Page - Linear Technology LTC1740 Datasheet HTML 13Page - Linear Technology LTC1740 Datasheet HTML 14Page - Linear Technology LTC1740 Datasheet HTML 15Page - Linear Technology LTC1740 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1740
1740f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1405
12-Bit, 5Msps Sampling ADC with Parallel Output
Pin Compatible with the LTC1420
LTC1406
8-Bit, 20Msps ADC
Undersampling Capability up to 70MHz
LTC1411
14-Bit, 2.5Msps ADC
5V, No Pipeline Delay, 80dB SINAD
LTC1412
12-Bit, 3Msps, Sampling ADC
±5V, No Pipeline Delay, 72dB SINAD
LTC1414
14-Bit, 2.2Msps ADC
±5V, 81dB SINAD and 95dB SFDR
LTC1420
12-Bit, 10Msps ADC
71dB SINAD and 83dB SFDR at Nyquist
LT1461
Micropower Precision Series Reference
0.04% Max Initial Accuracy, 3ppm/
°C Drift
LTC1666
12-Bit, 50Msps DAC
Pin Compatible with the LTC1668, LTC1667
LTC1667
14-Bit, 50Msps DAC
Pin Compatible with the LTC1668, LTC1666
LTC1668
16-Bit, 50Msps DAC
16-Bit, No Missing Codes, 90dB SINAD, –100dB THD
LTC1741
12-Bit, 65Msps ADC
Pin Compatible with the LTC1748
LTC1742
14-Bit, 65Msps ADC
Pin Compatible with the LTC1748
LTC1743
12-Bit, 50Msps ADC
Pin Compatible with the LTC1748
LTC1744
14-Bit, 50Msps ADC
Pin Compatible with the LTC1748
LTC1745
12-Bit, 25Msps ADC
Pin Compatible with the LTC1748
LTC1746
14-Bit, 25Msps ADC
Pin Compatible with the LTC1748
LTC1747
12-Bit, 80Msps ADC
Pin Compatible with the LTC1748
LTC1748
14-Bit, 80Msps ADC
76.3dB SNR and 90dB SFDR
LT1807
325MHz, Low Distortion Dual Op Amp
Rail-to-Rail Input and Output
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0603 1K • PRINTED IN USA
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com