Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 1 Page - Linear Technology

  LTC1740 Datasheet HTML 1Page - Linear Technology LTC1740 Datasheet HTML 2Page - Linear Technology LTC1740 Datasheet HTML 3Page - Linear Technology LTC1740 Datasheet HTML 4Page - Linear Technology LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1740
1740f
APPLICATIO S
DESCRIPTIO
FEATURES
BLOCK DIAGRA
14-Bit, 6Msps,
Sampling ADC
The LTC
®1740 is a 6Msps, 14-bit sampling A/D converter
that draws only 245mW from either a single 5V or dual
±5V supplies. This easy-to-use device includes a high
dynamic range sample-and-hold and a programmable
precision reference.
The LTC1740 has a flexible input circuit that allows differ-
ential full-scale input ranges of
±2.5V and ±1.25V with the
internal reference, or any full-scale input range up to
±2.5V with an external reference. The input common
mode voltage is arbitrary, though a 2.5V reference is
provided for single supply applications.
DC specifications include 1LSB typical INL, 0.5LSB typical
DNL and no missing codes over temperature. Outstanding
AC performance includes 79dB S/(N + D) and 91dB SFDR
at an input frequency of 2.5MHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 80MHz
bandwidth. The 75dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source. A
separate output logic supply allows direct connection to
3V components.
s
6Msps Sample Rate
s
79dB S/(N + D) and 91dB SFDR at 2.5MHz fIN
s
Single 5V Supply or
±5V Supplies
s
Integral Nonlinearity Error: < 1LSB
s
Differential Nonlinearity: < 0.5LSB
s
80MHz Full-Power Bandwidth Sampling
s
±2.5V and ±1.25V Bipolar Input Ranges
s
2.5V Signal Ground Available
s
Out-of-Range Indicator
s
True Differential Inputs with 75dB CMRR
s
Power Dissipation: 245mW
s
36-Pin SSOP Package (0.209 Inch Width)
s
Telecommunications
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectral Analysis
s
Imaging Systems
4096-Point FFT
, LTC and LT are registered trademarks of Linear Technology Corporation.
DIGITAL CORRECTION
LOGIC
1740 TA01
MODE SELECT
PIPELINED 14-BIT ADC
S/H
1
µF
1
µF
0V OR –5V
1
µF
1000pF
+
–
VIN
VCM
1
µF
5V
3V TO 5V
VDD
1
µF
OVDD
OGND
OF
D13 (MSB)
6MHz CLK
DIGITAL
OUTPUT
SENSE
VREF
–AIN
+
AIN
VSS
GND
2.250V
2.5V
REFERENCE
1
19
32
VDD
33
1
µF
5V
VDD
8
VDD
9
2
3
4
5
30
VSS
29
6
GND
7
GND
10
GND
34
GND
31
11
OGND
CLK
28
35
36
12
D7
D6
18
20
D0 (LSB)
BUSY
26
27
OUTPUT
BUFFERS
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
0.5
1.0
1.5
2.0
1740 TA02
2.5
3.0
–20
fSMPL = 6MHz
fIN = 2.5MHz, 5VP-P
5V SUPPLY


Similar Part No. - LTC1740

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1740 LINER-LTC1740 Datasheet
934Kb / 16P
14-Bit, 6Msps, Sampling ADC
LTC1740CG LINER-LTC1740CG Datasheet
934Kb / 16P
14-Bit, 6Msps, Sampling ADC
LTC1740IG LINER-LTC1740IG Datasheet
934Kb / 16P
14-Bit, 6Msps, Sampling ADC
More results

Similar Description - LTC1740

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD679 AD-AD679 Datasheet
360Kb / 12P
14-Bit 128 kSPS Complete Sampling ADC
AD779 AD-AD779 Datasheet
220Kb / 12P
14-Bit 128 kSPS Complete Sampling ADC
REV.B
logo
Linear Technology
LTC1416 LINER-LTC1416 Datasheet
506Kb / 20P
Low Power 14-Bit, 400ksps Sampling ADC
logo
Analog Devices
AD7625 AD-AD7625 Datasheet
160Kb / 11P
16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
logo
Linear Technology
LTC1740 LINER-LTC1740 Datasheet
934Kb / 16P
14-Bit, 6Msps, Sampling ADC
logo
Analog Devices
AD679 AD-AD679_04 Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679JNZ AD-AD679JNZ Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD1679 AD-AD1679_15 Datasheet
4Mb / 12P
14 BIT 100 KSPS COMPLETE SAMPLING ADC
AD679 AD-AD679_15 Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
logo
Linear Technology
LTC1416 LINER-LTC1416_15 Datasheet
335Kb / 20P
Low Power 14-Bit, 400ksps Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com