Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1740 Datasheet HTML 4Page - Linear Technology LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology LTC1740 Datasheet HTML 10Page - Linear Technology LTC1740 Datasheet HTML 11Page - Linear Technology LTC1740 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1740
1740f
DIGITAL CORRECTION
LOGIC
OUTPUT
BUFFERS
1740 FBD
MODE SELECT
PIPELINED 14-BIT ADC
S/H
0V OR –5V
3V TO 5V
VCM
OVDD
5V
VDD
OGND
OF
D13 (MSB)
D0 (LSB)
CLK
SENSE
VREF
–AIN
+
AIN
BUSY
GND
VSS
GND
2.5V
REFERENCE
CLK
BUSY
1740 TD
ANALOG
INPUT
DATA
OUTPUT
tCONV
tCLOCK
tH
tL
N
N + 1
N-3
N-2
N-1
N
N + 2
N + 3
tACQ
t1
t2
FUNCTIONAL BLOCK DIAGRA
TI I G DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com