Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3471
8
3471fb
APPLICATIONS INFORMATION
Supply Current of Figure 2 During
Start-Up without Soft-Start RC Network
Supply Current of Figure 2 During
Start-Up with Soft-Start RC Network
RSS1
4.7k
RSS2
4.7k
CONTROL 1
3471 F02
CSS1
0.33μF
CSS2
0.33μF
10μF
VIN
2.6V TO 4.2V
Li-Ion
SHDN/SS1
FB1N
9
0V
1.8V
CONTROL 2
0V
1.8V
8
7
SW1
SW2
LT3471
L2
10μH
L3
15μH
GND
FB1P
VIN
FB2P
FB2N
VREF
C2
0.1μF
C3
4.7μF
CPL
33pF
VOUT1
7V
VOUT2
–7V
C1, C2: X5R OR X7R 6.3V
C3, C4: X5R OR X7R 10V
C5: XR5 OR X7R 16V
CPL: OPTIONAL
D1, D2: ON SEMICONDUCTOR MBRM-120
L1: SUMIDA CR43-2R2
L2: SUMIDA CDRH4D18-100
L3: SUMIDA CDRH4D18-150
C6
75pF
R2
15k
R3
90.9k
R4
15k
R1
105k
C5
1μF
SHDN/SS2
VIN
10
1
2
3
5
4
11
6
VIN
C4
10μF
D2
L1
2.2μH
D1
Figure 2. Li-Ion OLED Driver
0.1ms/DIV
3471 F02b
ISUPPLY
0.5A/DIV
VOUT1
2V/DIV
VIN = 3.3V
VIN > VSHDN/SS
0.2ms/DIV
3471 F02c
ISUPPLY
0.5A/DIV
VOUT1
2V/DIV
VIN = 3.3V
VIN > VSHDN/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com