Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology LT3471 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3471
14
3471fb
TYPICAL APPLICATIONS
Li-Ion 20 White LED Driver
RSS1
4.7k
RSS2
4.7k
3471 TA04
CSS1
0.33μF
CSS2
0.33μF
C1
4.7μF
VIN
2.6V TO 4.2V
SHDN/SS1
FB1N
9
8
7
SW1
SW2
LT3471
L2
2.2μH
GND
FB1P
VIN
FB2N
FB2P
VREF
C2
0.1μF
R1
90.9k
C3
0.22μF
IOUT1
20mA
C1, C2: X5R OR X7R 6.3V
C3, C4: X5R OR X7R 50V
D1, D2: ON SEMICONDUCTOR MBRM-140
L1, L2: SUMIDA CDRH2D-2R2
R2
10k
4.99Ω
SHDN/SS2
VIN
10
1
2
3
4
5
11
6
VIN
C4
0.22μF
L1
2.2μH
D1
D2
IOUT2
20mA
10 WHITE LEDs
10 WHITE LEDs
4.99Ω
CONTROL 1
OV
1.8V
CONTROL 2
OV
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com