Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3471
6
3471fb
OPERATION
APPLICATIONS INFORMATION
Duty Cycle
The typical maximum duty cycle of the LT3471 is 94%.
The duty cycle for a given application is given by:
DC =
|VOUT |+|VD|–|VIN|
|VOUT |+|VD|–|VCESAT |
Where VD is the diode forward voltage drop and VCESAT
is in the worst case 330mV (at 1.3A)
The LT3471 can be used at higher duty cycles, but it must
be operated in the discontinuous conduction mode so that
the actual duty cycle is reduced.
Setting Output Voltage
Setting the output voltage depends on the topology used.
For normal noninverting boost regulator topologies:
VOUT = VFBP 1+
R1
R2
where VFBN is connected between R1 and R2 (see the
Typical Applications section for examples).
Select values of R1 and R2 according to the following
equation:
R1= R2
VOUT
VREF
–1
A good value for R2 is 15k which sets the current in the
resistor divider chain to 1.00V/15k = 67μA.
VFBP is usually just tied to VREF = 1.00V, but VFBP can also
be tied to a divided down version of VREF or some other
voltage as long as the absolute maximum ratings for the
feedback pins are not exceeded (see Absolute Maximum
Ratings).
For inverting topologies, VFBN is tied to ground and VFBP
is connected between R1 and R2. R2 is between VFBP
and VREF and R1 is between VFBP and VOUT (see the Ap-
plications section for examples). In this case:
VOUT = VREF
R1
R2
Select values of R1 and R2 according to the following
equation:
R1=R2
VOUT
VREF
A good value for R2 is 15k, which sets the current in the
resistor divider chain to 1.00V/15k = 67μA.
Switching Frequency and Inductor Selection
The LT3471 switches at 1.2 MHz, allowing for small valued
inductors to be used. 4.7μH or 10μH will usually suffice.
Choose an inductor that can handle at least 1.4A without
saturating, and ensure that the inductor has a low DCR
(copper-wire resistance) to minimize I2R power losses.
Note that in some applications, the current handling
requirements of the inductor can be lower, such as in the
SEPIC topology where each inductor only carries one half
of the total switch current. For better efficiency, use similar
valued inductors with a larger volume. Many different sizes
and shapes are available from various manufacturers.
Choose a core material that has low losses at 1.2 MHz,
such as ferrite core.
Table 1. Inductor Manufacturers
Sumida
(847) 956-0666
www.sumida.com
TDK
(847) 803-6100
www.tdk.com
Murata
(714) 852-2001
www.murata.com
current reaches this value, the SR latch is reset regardless
of the state of the comparator A2 (A4). Also not shown
in the Block Diagram is the thermal shutdown circuit. If
the temperature of the part exceeds approximately 160°C,
both latches are reset regardless of the state of compara-
tors A2 and A4. The current limit and thermal shutdown
circuits protect the power switch as well as the external
components connected to the LT3471.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com