Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3471
11
3471fb
APPLICATIONS INFORMATION
Figure 7. Bode Plot of 3.3V to 7V Application
From Figure 6, the DC gain, poles and zeroes can be
calculated as follows:
Output Pole: P1=
2
2• π •RL •COUT
Error Amp Pole: P2=
1
2• π •RO •CC
Error Amp Zero: Z1=
1
2• π •RC •CC
DC GAIN: A=
VREF
VOUT
•gma •RO •gmp •RL •
1
2
ESR Zero: Z2=
1
2• π •RESR •COUT
RHP Zero: Z3=
VIN
2 •R
L
2• π •VOUT
2 •L
High Frequency Pole: P3>
fS
3
Phase Lead Zero: Z4=
1
2• π •R1• CPL
Phase Lead Pole: P4=
1
2• π •CPL •
R1•R2
R1+R2
The Current Mode zero is a right half plane zero which can
be an issue in feedback control design, but is manageable
with proper external component selection.
Using the circuit of Figure 2 as an example, Table 3 shows
the parameters used to generate the Bode plot shown in
Figure 7.
Table 3. Bode Plot Parameters
Parameter
Value
Units
Comment
RL
20
Ω
Application Specific
COUT
4.7
μF
Application Specific
RESR
10
mΩ
Application Specific
RO
0.9
MΩ
Not Adjustable
CC
90
pF
Not Adjustable
CPL
33
pF
Adjustable
RC
55
kΩ
Not Adjustable
R1
90.9
kΩ
Adjustable
R2
15
kΩ
Adjustable
VOUT
7
V
Application Specific
VIN
3.3
V
Application Specific
gma
50
μmho
Not Adjustable
gmp
9.3
mho
Not Adjustable
L
2.2
μH
Application Specific
fS
1.2
MHz
Not Adjustable
From Figure 7, the phase is –115° when the gain reaches
0dB giving a phase margin of 65°. This is more than
adequate. The crossover frequency is 50kHz.
FREQUENCY (Hz)
0
60
70
–10
–20
50
20
40
30
10
100
10k
100k
1M
3471 F07
–30
–350
–50
0
–100
–250
–150
–200
–300
–400
1k
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com