Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology LT3471 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3471
16
3471fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 1008 REV B • PRINTED IN USA
TYPICAL APPLICATIONS
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1611
550mA (ISW), 1.4MHz, High Efficiency Micropower Inverting
DC/DC Converter
VIN: 1.1V to 10V, VOUT(MAX) = –34V, IQ = 3mA, ISD < 1μA,
ThinSOT Package
LT1613
550mA (ISW), 1.4MHz, High Efficiency Step-Up
DC/DC Converter
VIN: 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA, ISD < 1μA,
ThinSOT Package
LT1614
750mA (ISW), 600kHz, High Efficiency Micropower Inverting
DC/DC Converter
VIN: 1V to 12V, VOUT(MAX) = –24V, IQ = 1mA, ISD < 10μA,
MS8, S8 Packages
LT1615/LT1615-1
300mA/80mA (ISW), High Efficiency Step-Up
DC/DC Converters
VIN = 1V to 15V, VOUT(MAX) = 34V, IQ = 20μA, ISD < 1μA,
ThinSOT Package
LT1617/LT1617-1
350mA/100mA (ISW), High Efficiency Micropower Inverting
DC/DC Converters
VIN = 1.2V to 15V, VOUT(MAX) = –34V, IQ = 20μA, ISD < 1μA,
ThinSOT Package
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency Step-Up
DC/DC Converters
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA,
ISD < 1μA, ThinSOT Package
LT1931/LT1931A
1A (ISW), 1.2MHz/2.2MHz High Efficiency Micropower Inverting
DC/DC Converters
VIN = 2.6V to 16V, VOUT(MAX) = –34V, IQ = 5.8mA, ISD < 1μA,
ThinSOT Package
LT1943 (Quad)
Quad Boost, 2.6A Buck, 2.6A Boost, 0.3A Boost, 0.4A Inverter
1.2MHz TFT DC/DC Converter
VIN = 4.5V to 22V, VOUT(MAX) = 40V, IQ = 10μA, ISD < 35μA,
TSSOP28E Package
LT1945 (Dual)
Dual Output, Boost/Inverter, 350mA (ISW), Constant Off-Time,
High Efficiency Step-Up DC/DC Converter
VIN = 1.2V to 15V, VOUT(MAX) = ±34V, IQ = 40μA, ISD < 1μA,
10-Lead MS Package
LT1946/LT1946A
1.5A (ISW), 1.2MHz/2.7MHz, High Efficiency Step-Up
DC/DC Converters
VIN: 2.45V to 16V, VOUT(MAX) = 34V, IQ = 3.2mA, ISD < 1μA,
MS8 Package
LT3436
3A (ISW), 1MHz, 34V Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 34V, IQ = 0.9mA, ISD < 6μA,
TSSOP16E Package
LT3462/LT3462A
300mA (ISW), 1.2MHz/2.7MHz, High Efficiency Inverting
DC/DC Converters with Integrated Schottkys
VIN = 2.5V to 16V, VOUT(MAX) = –38V, IQ = 2.9mA, ISD < 1μA,
ThinSOT Package
LT3463/LT3463A
Dual Output, Boost/Inverter, 250mA (ISW), Constant Off-Time,
High Efficiency Step-Up DC/DC Converters with Integrated Schottkys
VIN = 2.3V to 15V, VOUT(MAX) = ±40V, IQ = 40μA, ISD < 1μA,
DFN Package
LT3464
85mA (ISW), High Efficiency Step-Up DC/DC Converter with
Integrated Schottky and PNP Disconnect
VIN = 2.3V to 10V, VOUT(MAX) = 34V, IQ = 25μA, ISD < 1μA,
ThinSOT Package
5V to ±12V Dual Supply Boost/Inverting Converter
4.7k
4.7k
3471 TA06
0.33μF
0.33μF
C1
4.7μF
VIN
5V
SHDN/SS1
FB1N
9
8
7
SW1
SW2
LT3471
L2
10μH
C5
1μF
GND
FB1P
VIN
FB2N
FB2P
VREF
C2
0.1μF
C3
4.7μF
C6
56pF
VOUT1
12V
320mA
VOUT2
–12V
200mA
C1, C2: X5R OR X7R 6.3V
C3, C4: X5R OR X7R 16V
C5: X5R OR X7R 25V
D1, D2: ON SEMICONDUCTOR MBRM-120
L1: SUMIDA CR43-10
L2, L3: SUMIDA CLS63-10
R1
54.9k
R2
4.99k
R3
15k
R4
182k
SHDN/SS2
VIN
10
1
2
3
4
5
11
6
•
VIN
C4
4.7μF
C7
56pF
L1
10μH
D1
D2
L3
10μH
•
CONTROL 1
OV
1.8V
CONTROL 2
OV
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com