Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3471
9
3471fb
By choosing the appropriate values for the resistor and
capacitor, the zero frequency can be designed to improve
the phase margin of the overall converter. The typical
target value for the zero frequency is between 35kHz
to 55kHz. Figure 3 shows the transient response of the
step-up converter from Figure 2 without the phase lead
capacitor CPL. Although adequate for many applications,
phase margin is not ideal as evidenced by 2-3 “bumps”
in both the output voltage and inductor current. A 33pF
capacitor for CPL results in ideal phase margin, which
is revealed in Figure 4 as a more damped response and
less overshoot.
Figure 3. Transient Response of Figure 2’s Step-Up
Converter without Phase Lead Capacitor
Figure 4. Transient Response of Figure 2’s Step-Up
Converter with 33pF Phase Lead Capacitor
VREG VOLTAGE REFERENCE
Pin 3 of the LT3471 is a bandgap voltage reference that has
been divided down to 1.00V and buffered for external use.
This pin must be bypassed with at least 0.01μF and no more
than 1μF. This will ensure stability as well as reduce the
noise on this pin. The buffer has a built-in current limit of at
least 1mA (typically 1.4mA). This not only means that you
can use this pin as an external reference for supplemental
circuitry, but it also means that it is possible to provide a
soft-start feature if this pin is used as one of the feedback
pins for the error amplifier. Normally the soft-start time
will be dominated by the RC time constant discussed in
the soft-start and shutdown section. However, because of
the finite current limit of the buffer for the VREG pin, it will
take some time to charge up the bypass capacitor. During
this time, the voltage at the VREG pin will ramp up, and
this action provides an alternate means for soft-starting
the circuit. If the largest recommended bypass capacitor
is used, 1μF, the worst-case (longest) soft-start function
that would be provided from the VREF pin is:
1μF • 1.00V
1.0mA
=1.0ms
Choose the RC network such that the soft-start time is
longer than this time, or choose a smaller bypass capacitor
for the VREF pin (but always larger than 0.01μF) so that the
RC network dominates the soft-starting of the LT3471. The
voltage at the VREF pin can also be divided down and used
for one of the feedback pins for the error amplifier. This
is especially useful in LED driver applications, where the
current through the LEDs is set using the voltage reference
across a sense resistor in the LED chain. Using a smaller
or divided down reference leads to less wasted power in
the sense resistor. See the Typical Applications section
for an example of LED driving applications.
APPLICATIONS INFORMATION
50μs/DIV
IL1
0.5A/DIV
AC/COUPLED
LOAD CURRENT
100mA/DIV
AC/COUPLED
VOUT
200mV/DIV
AC COUPLED
VIN = 3.3V
VIN > VSHDN/SS
50μs/DIV
IL1
0.5A/DIV
AC/COUPLED
LOAD CURRENT
100mA/DIV
AC/COUPLED
VOUT
200mV/DIV
AC COUPLED
VIN = 3.3V
VIN > VSHDN/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com