Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology LT3497 Datasheet HTML 10Page - Linear Technology LT3497 Datasheet HTML 11Page - Linear Technology LT3497 Datasheet HTML 12Page - Linear Technology LT3497 Datasheet HTML 13Page - Linear Technology LT3497 Datasheet HTML 14Page - Linear Technology LT3497 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3497
11
3497f
APPLICATIONS INFORMATION
Table 4: RSENSE Value Selection for 200mV Sense
ILED (mA)
RSENSE (Ω)
540
10
20
15
13.3
20
10
DIMMING CONTROL
There are three different types of dimming control circuits.
The LED current can be set by modulating the CTRL pin
with a DC voltage, a filtered PWM signal or directly with
a PWM signal.
Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The CTRL pin voltage can be modulated to set the dim-
ming of the LED string. As the voltage on the CTRL pin
increases from 0V to 1.5V, the LED current increases from
0 to ILED. As the CTRL pin voltage increases beyond 1.5V,
it has no effect on the LED current.
The LED current can be set by:
I
mV
R
V
I
V
LED
SENSE
LED
CTRL
≈>
≈
200
15
6
.
when VCTRL
..
•
.
25
125
R
V
SENSE
when VCTRL <
Feedback voltage variation versus control voltage is given
in the Typical Performance Characteristics.
Using a Filtered PWM Signal
A filtered PWM can be used to control the brightness of
the LED string. The PWM signal is filtered (Figure 5) by a
RC network and fed to the CTRL1, CTRL2 pins.
The corner frequency of R1, C1 should be much lower
than the frequency of the PWM signal. R1 needs to be
much smaller than the internal impedance in the CTRL
pins which is 10M
Ω (typ).
Direct PWM Dimming
Changing the forward current flowing in the LEDs not only
changes the intensity of the LEDs, it also changes the color.
The chromaticity of the LEDs changes with the change in
forward current. Many applications cannot tolerate any
shift in the color of the LEDs. Controlling the intensity of
the LEDs with a direct PWM signal allows dimming of the
LEDs without changing the color. In addition, direct PWM
dimming offers a wider dimming range to the user.
Dimming the LEDs via a PWM signal essentially involves
turning the LEDs on and off at the PWM frequency. The
typical human eye has a limit of ~60 frames per second.
By increasing the PWM frequency to ~80Hz or higher,
the eye will interpret that the pulsed light source is con-
tinuously on. Additionally, by modulating the duty cycle
(amount of “on time”) the intensity of the LEDs can be
controlled. The color of the LEDs remains unchanged in
this scheme since the LED current value is either zero or
a constant value.
Figure 6 shows a Li-ion powered 4/4 white LED driver. Direct
PWM dimming method requires an external NMOS tied
between the cathode of the lowest LED in the string and
ground as shown in Figure 6. Si2318DS MOSFETs can be
used since its sources are connected to ground. The PWM
signal is applied to the (CTRL1 and CTRL2) control pins of
the LT3497 and the gate of the MOSFET. The PWM signal
should traverse between 0V to 5V to ensure proper turn
on and off of the converters and the NMOS transistors (Q1
and Q2). When the PWM signal goes high, LEDs are con-
nected to ground and a current of ILED = (200mV/RSENSE)
flows through the LEDs. When the PWM signal goes low,
the LEDs are disconnected and turn off. The low PWM
input applied to the LT3497 ensures that the respective
Figure 5. Dimming Control Using a Filtered PWM Signal
LT3497
CTRL1,2
C1
0.1
µF
PWM
10kHz TYP
3497 F05
R1
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com