Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 5 Page - Linear Technology

  LT3497 Datasheet HTML 1Page - Linear Technology LT3497 Datasheet HTML 2Page - Linear Technology LT3497 Datasheet HTML 3Page - Linear Technology LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3497
5
3497f
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
Current Limit vs Temperature
Schottky Leakage Current vs
Temperature (–50°C to 125°C)
Open-Circuit Output Clamp Voltage
vs Temperature (–50°C to 125°C)
Input Current in Output Open
Circuit vs Temperature
(–50°C to 125°C)
(TA = 25°C unless otherwise specified)
Switching Frequency vs
Temperature
Sense Voltage (VCAP – VLED)
vs VCAP
Sense Voltage vs Temperature
VIN (V)
0
5
6
7
8
3497 G09
4
3
246
10
2
1
0
–50
°C
125
°C
25
°C
TEMPERATURE (
°C)
–50
300
350
400
450
500
–25
0
25
50
3497 G11
75
100
125
TEMPERATURE (
°C)
0
1
2
3
–50
–25
0
25
50
3497 G12
75
100
125
24V
16V
TEMPERATURE (
°C)
–50
28
30
32
34
36
–25
0
25
50
3497 G13
75
100
125
TEMPERATURE (
°C)
–50
20
25
30
25
75
3497 G14
15
10
–25
0
50
100
125
5
0
VIN = 3V
TEMPERATURE (
°C)
–50
2.50
25
3497 G15
2.20
2.00
–25
0
50
1.90
1.80
2.60
2.40
2.30
2.10
75
100
125
VIN = 3.6V
VCAP (V)
5
200
204
208
25
3497 G16
196
192
188
10
15
20
30
–50
°C
125
°C
25
°C
TEMPERATURE (
°C)
–50
190
194
198
202
206
–25
0
25
50
3497 G17
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com