Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3497 Datasheet HTML 12Page - Linear Technology LT3497 Datasheet HTML 13Page - Linear Technology LT3497 Datasheet HTML 14Page - Linear Technology LT3497 Datasheet HTML 15Page - Linear Technology LT3497 Datasheet HTML 16Page - Linear Technology LT3497 Datasheet HTML 17Page - Linear Technology LT3497 Datasheet HTML 18Page - Linear Technology LT3497 Datasheet HTML 19Page - Linear Technology LT3497 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3497
16
3497f
TYPICAL APPLICATIONS
Li-Ion to 3/3 White LEDs
Conversion Efficiency
Li-Ion to 2/4 White LEDs
Conversion Efficiency
SW1
VIN
LT3497
GND
SW2
L2
15
µH
RSENSE2
10
Ω
RSENSE1
10
Ω
C3
1
µF
C1
1
µF
C2
1
µF
C1, C2: TAIYO YUDEN GMK212BJ105KG
C3: TAIYO YUDEN LMK212BJ105MG
L1: MURATA LQH32CN100K53
L2: MURATA LQH32CN150K53
3497 TA03a
VIN
3V TO 5V
L1
10
µH
CAP1
CAP2
LED1
LED2
CTRL1
SHUTDOWN
AND DIMMING
CONTROL 1
SHUTDOWN
AND DIMMING
CONTROL 2
CTRL2
OFF ON
OFF ON
LED CURRENT (mA)
0
65
70
80
15
3497 TA03b
60
55
510
20
50
45
75
VIN = 3.6V
2/4LEDs
SW1
VIN
LT3497
GND
SW2
L2
15
µH
RSENSE2
10
Ω
RSENSE1
10
Ω
C3
1
µF
C1, C2: TAIYO YUDEN GMK212BJ105KG
C3: TAIYO YUDEN LMK212BJ105MG
L1, L2: MURATA LQH32CN150K53
C2
1
µF
3497 TA04a
C1
1
µF
VIN
3V TO 5V
L1
15
µH
CAP1
CAP2
LED1
LED2
CTRL1
SHUTDOWN
AND DIMMING
CONTROL 1
SHUTDOWN
AND DIMMING
CONTROL 2
CTRL2
OFF ON
OFF ON
LED CURRENT (mA)
0
65
70
80
15
3497 TA04b
60
55
510
20
50
45
75
VIN = 3.6V
3/3LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com