Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 4 Page - Linear Technology

  LT3497 Datasheet HTML 1Page - Linear Technology LT3497 Datasheet HTML 2Page - Linear Technology LT3497 Datasheet HTML 3Page - Linear Technology LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3497
4
3497f
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
Schottky Forward Voltage Drop
Shutdown Current
(VCTRL1 = VCTRL2 = 0V)
Sense Voltage (VCAP – VLED)
vs VCTRL
Open-Circuit Output Clamp
Voltage
Input Current in Output Open
Circuit
Switching Waveform
Transient Response
(TA = 25°C unless otherwise specified)
SWITCH CURRENT (mA)
0
200
250
300
350
400
3497 G01
150
100
0
100
200
300
50
150
250
350
50
450
400
–50
°C
125
°C
25
°C
SCOTTKY FORWARD DROP (mV)
0
150
200
250
600
1000
3497 G02
100
50
0
200
400
800
300
350
400
–50
°C
125
°C
25
°C
VIN (V)
0
9
12
15
8
3497 G03
6
3
0
2
4
6
10
–50
°C
125
°C
25
°C
VCTRL (mV)
0
0
40
80
120
160
200
240
500
1000
1500
2000
3497 G04
–50
°C
125
°C
25
°C
VIN (V)
0
32
33
8
3497 G05
31
30
2
4
6
10
34
–50
°C
125
°C
25
°C
VIN (V)
2
0
5
10
15
20
25
30
46
8
10
3497 G06
–50
°C
150
°C
25
°C
VSW
10V/DIV
VCAP
50mV/DIV
IL
100mA/DIV
200ms/DIV
3497 G07
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
VCAP
5V/DIV
VCTRL
5V/DIV
IL
200mA/DIV
1ms/DIV
3497 G08
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com