Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3497 Datasheet HTML 10Page - Linear Technology LT3497 Datasheet HTML 11Page - Linear Technology LT3497 Datasheet HTML 12Page - Linear Technology LT3497 Datasheet HTML 13Page - Linear Technology LT3497 Datasheet HTML 14Page - Linear Technology LT3497 Datasheet HTML 15Page - Linear Technology LT3497 Datasheet HTML 16Page - Linear Technology LT3497 Datasheet HTML 17Page - Linear Technology LT3497 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3497
14
3497f
Li-Ion to 1/2 White LEDs
Conversion Efficiency
BOARD LAYOUT CONSIDERATIONS
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essential.
Minimize the length and area of all traces connected to
the switching node pins (SW1 and SW2). Keep the sense
voltage pins (CAP1, CAP2, LED1 and LED2) away from
APPLICATIONS INFORMATION
5
4
1
2
3
7
6
8
9
10
CAP2
SW2
SW1
CAP1
VIAS TO
GROUND PLANE
VIA TO
GROUND PLANE
VIA TO
GROUND
PLANE
L1
L2
LED2
LED1
3497 F12
COUT2
COUT1
GND
CTRL2
CTRL1
CIN
VIN
the switching node. Place the output capacitors (COUT1
and COUT2) next to the output pins (CAP1 and CAP2).
The placement of a bypass capacitor on VIN needs to be
in close proximity to the IC to filter EMI noise from SW1
and SW2. Always use a ground plane under the switching
regulator to minimize interplane coupling. Recommended
component placement is shown in Figure 12.
Figure 12. Recommended Component Placement
SW1
VIN
LT3497
GND
SW2
L2
10
µH
RSENSE2
10
Ω
RSENSE1
10
Ω
C3
1
µF
C1
1
µF
C2
1
µF
3497 TA02a
VIN
3V TO 5V
L1
10
µH
CAP1
CAP2
LED1
LED2
CTRL1
SHUTDOWN
AND DIMMING
CONTROL 1
SHUTDOWN
AND DIMMING
CONTROL 2
CTRL2
OFF ON
OFF ON
C1, C2: TAIYO YUDEN GMK212BJ105KG
C3: TAIYO YUDEN LMK212BJ105MG
L1, L2: MURATA LQH32CN100K53
LED CURRENT (mA)
0
50
55
60
20
3497 TA02b
45
40
30
5
10
15
35
70
65
VIN = 3.6V
1/2LEDs
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com