Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3497 Datasheet HTML 2Page - Linear Technology LT3497 Datasheet HTML 3Page - Linear Technology LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology LT3497 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3497
6
3497f
PIN FUNCTIONS
LED1 (Pin 1): Connection point for the anode of the first
LED of the first set of LEDs and the sense resistor (RSENSE1).
The LED current can be programmed by:
I
mV
R
LED
SENSE
1
1
200
=
CTRL1 (Pin 2): Dimming and Shutdown Pin. Connect
CTRL1 below 50mV to disable converter 1. As the pin volt-
age is ramped from 0V to 1.5V, the LED current ramps from
0 to (ILED1 = 200mV/RSENSE1). The CTRL1 pin must not
be left floating.
GND (Pin 3): Connect the GND pin to the PCB system
ground plane.
CTRL2 (Pin 4): Dimming and Shutdown Pin. Connect
CTRL2 below 50mV to disable converter 2. As the pin volt-
age is ramped from 0V to 1.5V, the LED current ramps from
0 to (ILED2 = 200mV/RSENSE2). The CTRL2 pin must not
be left floating.
LED2 (Pin 5): Connection point for the anode of the first
LED of the second set of LEDs and the sense resistor
(RSENSE2). The LED current can be programmed by:
I
mV
R
LED
SENSE
2
2
200
=
CAP2 (Pin 6): Output of Converter 2. This pin is connected
to the cathode of internal Schottky diode 2. Connect the
output capacitor to this pin and the sense resistor (RSENSE2)
from this pin to LED2 pin.
SW2 (Pin 7): Switch Pin. Minimize trace area at this pin
to minimize EMI. Connect the inductor at this pin.
VIN (Pin 8): Input Supply Pin. This pin must be locally
bypassed.
SW1 (Pin 9): Switch Pin. Minimize trace area at this pin
to minimize EMI. Connect the inductor at this pin.
CAP1 (Pin 10): Output of Converter 1. This pin is connected
to the cathode of internal Schottky diode 1. Connect the
output capacitor to this pin and the sense resistor (RSENSE1)
from this pin to LED1 pin.
Exposed Pad (Pin 11): Ground. Must be soldered to
PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com