Electronic Components Datasheet Search
  English  ▼

X  

LT3497 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3497 Datasheet HTML 12Page - Linear Technology LT3497 Datasheet HTML 13Page - Linear Technology LT3497 Datasheet HTML 14Page - Linear Technology LT3497 Datasheet HTML 15Page - Linear Technology LT3497 Datasheet HTML 16Page - Linear Technology LT3497 Datasheet HTML 17Page - Linear Technology LT3497 Datasheet HTML 18Page - Linear Technology LT3497 Datasheet HTML 19Page - Linear Technology LT3497 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3497
20
3497f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1206 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
2 Li-Ion to 8/8 White LEDs
Conversion Efficiency
PART NUMBER
DESCRIPTION
COMMENTS
LT1937
Constant Current, 1.2MHz, High Efficiency White LED
Boost Regulator
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX) = 34V,
IQ = 1.9mA, ISD < 1µA, ThinSOT
TM/SC70 Packages
LTC3200-5
Low Noise, 2MHz Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 8mA, ISD < 1µA,
ThinSOT Package
LTC3201
Low Noise, 1.7MHz Regulated Charge Pump White LED Driver
Up to 6 White LEDs, VIN: 2.7V to 4.5V, IQ = 6.5mA,
ISD < 1µA, MS Package
LTC3202
Low Noise, 1.5MHz Regulated Charge Pump White LED Driver
Up to 8 White LEDs, VIN: 2.7V to 4.5V, IQ = 5mA, ISD < 1µA,
MS Package
LTC3205
High Efficiency, Multidisplay LED Controller
Up to 4 (Main), 2 (Sub) and RGB, VIN: 2.8V to 4.5V,
IQ = 50µA, ISD < 1µA, 24-Lead QFN Package
LT3465/LT3465A
Constant Current, 1.2MHz/2.7MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
Up to 6 White LEDs, VIN: 2.7V to 16V, VOUT(MAX) = 34V,
IQ = 1.9mA, ISD < 1µA, ThinSOT Package
LT3466/LT3466-1
Dual Full Function, 2MHz Diodes White LED Step-Up Converter
with Built-In Schottkys
Up to 20 White LEDs, VIN: 2.7V to 24V, VOUT(MAX) = 39V,
DFN, TSSOP-16 Packages
LT3486
Dual 1.3A White LED Converter with 1000:1 True Color PWM
Dimming
Drives Up to 16 100mA White LEDs. VIN: 2.5V to 24V,
VOUT(MAX) = 36V, DFN, TSSOP Packages
LT3491
White LED Driver in SC70 with Integrated Schottky
Drives Up to 6 20mA White LEDs, VIN: 2.5V to 12V,
VOUT(MAX) = 27V, 8-Lead SC70 Package
ThinSOT is a trademark of Linear Technology Corporation.
SW1
VIN
LT3497
GND
SW2
L2
15
µH
RSENSE2
10
Ω
RSENSE1
10
Ω
C3
1
µF
C2
1
µF
3497 TA11a
C1
1
µF
VIN
6V TO 9V
L1
15
µH
CAP1
CAP2
LED1
LED2
CTRL1
SHUTDOWN
AND DIMMING
CONTROL 1
SHUTDOWN
AND DIMMING
CONTROL 2
CTRL2
OFF ON
OFF ON
C1, C2: TAIYO YUDEN GMK212BJ105KG
C3: TAIYO YUDEN LMK212BJ105MG
L1, L2: MURATA LQH32CN150K53
LED CURRENT (mA)
0
70
75
85
15
3497 TA11b
65
60
510
20
55
50
80
VIN = 7.2V
8/8LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com