Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3590 Datasheet HTML 4Page - Linear Technology LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology LT3590 Datasheet HTML 11Page - Linear Technology LT3590 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3590
8
3590f
Inductor Selection
A 220μH inductor is recommended for most LT3590 ap-
plications with VIN < 25V and 470μH is recommended for
applications with VIN > 25V. Although small size and high
efficiency are major concerns, the inductor should have
low core losses at 850kHz and low DCR (copper wire
resistance). Several manufacturers and inductor series
that meet these criteria are listed in Table 1. The efficiency
comparison of different inductors is shown in Figure 3.
Table 1. Inductor Manufacturers
VENDOR
PART
SERIES
INDUCTANCE
RANGE (μH)
(RELEVANT TO
THIS PART)
DIMENSIONS
(mm)
Coilcraft
www.coilcraft.com
DO1605
LPS4012
LPS3010
1812FS
MSS5131
100 TO 680
100 TO 680
100 TO 330
100 TO 680
100 TO 390
5.4 × 4.2 × 1.8
4.0 × 4.0 × 1.2
3.0 × 3.0 × 0.9
5.1 × 5.1 × 3.1
Sumida
www.sumida.com
CDC4D20
100 TO 680
4.8 × 4.8 × 2.0
Toko
www.tokoam.com
LLQ1608
LLQ2012
100 TO 270
100 TO 680
Würth Elektronik
www.we-online.com
WE-PD2
TYPE M
WE-PD2
TYPE L
100 TO 220
100 to 470
5.2 × 5.8 × 4.5
7.0 × 7.8 × 5.0
Coiltronics
www.cooperet.com
CTX32C
100 to 330
2.5 × 3.2 × 2.2
Murata
www.murata.com
LQH32M
LQH43M
100 to 560
100 to 680
3.2 × 2.5 × 2.0
4.5 × 3.2 × 2.0
APPLICATIONS INFORMATION
Figure 3. Efficiency Comparison of Different Inductors
Capacitor Selection
The small size of ceramic capacitors make them ideal
for LT3590 applications. X5R and X7R types are recom-
mended because they retain their capacitance over wider
voltage and temperature ranges than other types such as
Y5V or Z5U. A 1μF input capacitor and a 0.1μF regulator
capacitor are sufficient for most applications. For the
output capacitor, 1μF is generally recommended, but if
the voltage across the capacitor exceeds 10V, a 0.47μF
capacitor may be used instead. For applications driving
one or two LEDs a 2.2μF output capacitor is needed.
Table 2 shows a list of several ceramic capacitor manufac-
turers. Consult the manufacturers for detailed information
on their entire selection of ceramic parts.
Table 2: Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Kemet
(408) 986-0424
www.kemet.com
LED CURRENT (mA)
0
92
90
88
86
84
30
10
20
40
50
3590 F03
TDK SLF70145-471MR22-PF
MURATA QH32CN471K23
MURATA LQH43CN471K03
COILCRAFT LP06013-474KLB
COILCRAFT 1008PS-474KLB
COILCRAFT LPS4012-474ML
VIN = 48V
10 LEDs
FRONT PAGE
APPLICATION
CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com