Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3590 Datasheet HTML 2Page - Linear Technology LT3590 Datasheet HTML 3Page - Linear Technology LT3590 Datasheet HTML 4Page - Linear Technology LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3590
6
3590f
BLOCK DIAGRAM
PIN FUNCTIONS
SW (Pin 1/Pin 3): Switch Pin. Minimize trace area at this
pin to minimize EMI. Connect the inductor at this pin.
GND (Pins 2, 3, 4/Pin 2): Ground Pins. All ground pins
should be tied directly to local ground plane. Proper
soldering of these pins to the PCB ground is required to
achieve the rated thermal performance.
CTRL (Pin 5/Pin 1): Dimming and Shutdown Pin.
Connect it below 100mV to disable the switcher. As the
pin voltage is ramped from 0V to 1.5V, the feedback volt-
age (VIN -VLED) ramps from 0mV to 200mV, controlling
the LBD current.
I
VV
R
LED
IN
LED
=
−
1
VREG (Pin 6/Pin 6): Internally Generated 3.3V Regulated
Output Pin. Must be locally bypassed with a 0.1μF X5R
capacitor.
LED (Pin 7/Pin 5): Connection point for the anode of the
highest LED and the sense resistor.
VIN (Pin 8/Pin 4): Input Supply Pin. Must be locally by-
passed.
Exposed Pad (NA/Pin 7): Ground. The Exposed Pad
should be soldered to the PCB ground to achieve the
rated thermal performance.
(SC70/DFN)
Figure 1. Block Diagram
RQ
S
SW
LED
L1
470μH
C3
0.1μF
C2
1μF
R1
6.8Ω
VIN
48V
C1
1μF
VOUT
VIN
PWM
REG
VREG
–
+
–
+
∑
RAMP
GENERATOR
850kHz
OSCILLATOR
GND
CTRL
CONTROL
3590 F01
ISNS
–
+
+
VREF
1.25V
START-UP
CONTROL
EAMP
A = 6.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com