Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology LT3590 Datasheet HTML 11Page - Linear Technology LT3590 Datasheet HTML 12Page - Linear Technology LT3590 Datasheet HTML 13Page - Linear Technology LT3590 Datasheet HTML 14Page - Linear Technology LT3590 Datasheet HTML 15Page - Linear Technology LT3590 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3590
16
3590f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0707 • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1932
Constant Current, 1.2MHz, High Efficiency White LED Boost
Regulator
VIN: 1.0V to 10.0V, VOUT(MAX) = 34V, Dimming Analog/PWM,
ISD < 1μA, ThinSOT™ Package
LT3003
Three Channel LED Ballaster with PWM Dimming
VIN: 3.0V to 48.0V, Dimming 3,000:1 True Color PWM™,
ISD <5μA, MSOP-10 Package
LT3465/A
Constant Current, 1.2/2.7MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.7V to 16.0V, VOUT(MAX) = 34V, Dimming Analog/PWM,
ISD <1μA, ThinSOT Package
LT3466/-1
Dual Constant Current, 2MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.7V to 24.0V, VOUT(MAX) = 40V, Dimming 5mA, ISD <16μA,
3mm × 3mm DFN-10
LT3474
36V, 1A (ILED), 2MHz,Step-Down LED Driver
VIN: 4.0V to 36V, VOUT(MAX) = 13.5V, Dimming 400:1 True Color
PWM, ISD <1μA, TSSOP16E Package
LT3475
Dual 1.5A(ILED), 36V, 2MHz, Step-Down LED Driver
VIN: 4.0V to 36V, VOUT(MAX) = 13.5V, Dimming 3,000:1 True Color
PWM, ISD <1μA, TSSOP20E Package
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with 1,000:1
Dimming
VIN: 2.8V to 16.0V, VOUT(MAX) = 36.0V, Dimming 1,000:1 True
Color PWM, ISD <10μA, 5mm × 7mm QFN-10
LT3478/-1
4.5A, 2MHz High Current LED Driver with 3,000:1 Dimming
VIN: 2.8V to 36.0V, VOUT(MAX) = 40.0V, Dimming 1,000:1 True
Color PWM, ISD <10μA, 5mm × 7mm QFN-10
LT3486
Dual 1.3A, 2MHz High Current LED Driver
VIN: 2.5V to 24.0V, VOUT(MAX) = 36.0V, Dimming 1,000:1 True
Color PWM, ISD <1μA, 5mm × 3mm DFN, TSSOP-16E Package
LT3491
Constant Current, 2.3MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.5V to 12.0V, VOUT(MAX) = 27V, Dimming 300:1 True Color
PWM, ISD <8μA, 2mm × 2mm DFN-6, SC70 Package
LT3496
Triple Output 750mA, 2.1 MHz High Current LED Driver with 3,000:1
Dimming
VIN: 3.0V to 30.0V, VOUT(MAX) = 40.0, Dimming 3,000:1 True
Color PWM, ISD <1μA, 4mm × 5mm QFN-28
LT3497
Dual 2.3MHz, Full Function LED Driver with Integrated Schottkys and
250:1 True Color PWM Dimming
VIN: 2.5V to 10.0V, VOUT(MAX) = 32, Dimming 250:1 True Color
PWM, ISD <12μA, 2mm × 3mm DFN-10
LT3498
20mA LED Driver and OLED Driver Integrated Schottkys
VIN: 2.5 to 12.0V, VOUT(MAX) = 32, Dimming Analog/PWM,
ISD <8.5μA, 2mm × 3mm DFN-12
LT3517
1.3A, 2.5MHz High Current LED Driver with 3,000:1 Dimming
VIN: 3.0V to 30.0V, Dimming 3,000:1 True Color PWM, ISD <1μA,
4mm × 4mm QFN-16
LT3518
2.3A, 2.5MHz High Current LED Driver with 3,000:1 Dimming
VIN: 3.0V to 30.0V, Dimming 3,000:1 True Color PWM, ISD <1μA,
4mm × 4mm QFN-16
LT3591
Constant Current, 1MHz, High Efficiency White LED Boost Regulator
with Integrated Schottky Diode and 80:1 True Color PWM Dimming
VIN: 2.5V to 12.0V, VOUT(MAX) = 40, Dimming 80:1 True Color
PWM, ISD <9μA, 2mm × 3mm DFN-8
ThinSOT and True Color PWM are trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
24V Supply for 6 LED String, 50mA Current
Conversion Efficiency
VIN
24V
CONTROL
>1.5V
L1: MURATA LQH32CN-221
CTRL
VIN
R1
4Ω
50mA
LT3590
VREG
SW
LED
GND
C2
1μF
C3
0.1μF
C1
1μF
3590 TA08a
L1
220μH
LED CURRENT (mA)
0
75
80
85
30
50
70
65
60
10
20
40
90
95
100
3590 TA08b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com