Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 1 Page - Linear Technology

  LT3590 Datasheet HTML 1Page - Linear Technology LT3590 Datasheet HTML 2Page - Linear Technology LT3590 Datasheet HTML 3Page - Linear Technology LT3590 Datasheet HTML 4Page - Linear Technology LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3590
1
3590f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
48V Buck Mode
LED Driver in SC70
and 2mm x 2mm DFN
The LT®3590 is a fixed frequency buck mode converter
specifically designed to drive up to 10 LEDs in series from
a 48V DC source. Series connection of the LEDs provides
identical LED currents of up to 50mA, resulting in uniform
brightness and eliminating the need for ballast resistors.
A fixed frequency, current mode architecture results in
stable operation over a wide range of input voltage and
output voltage.
The high switching frequency of 850kHz permits the use
of tiny, low profile inductors and capacitors. A single pin
performs both shutdown and accurate LED dimming
control. The power switch, Schottky diode and control
circuitry are all contained inside a space saving SC70
package or 2mm × 2mm DFN package to allow a small
converter footprint and lower parts cost.
Buck Mode Driver for Ten White LEDs
■
4.5V to 55V Input Voltage Range
■
Up to 50mA LED Current
■
80mA, 55V Switch
■
Internal Schottky Diode
■
15μA Supply Current in Shutdown
■
500μA Supply Current Operating, Not Switching
■
Switching Frequency: 850kHz
■
200mV Feedback Voltage with ±5% Accuracy
■
CTRL Input Performs Dimming and Shutdown
■
91% Efficiency (10 LEDs, 50mA)
■
Requires Only 1μF Output Capacitor
■
8-Lead SC70 Package
■
6-Lead 2mm × 2mm DFN Package
■
LED Fixed Signage
■
Traffic Signs
■
Neon Sign Replacement
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN
48V
CONTROL
CTRL
VIN
4Ω
50mA
LT3590
VREG
SW
LED
GND
1μF
0.1μF
1μF
3590 TA01a
470μH
Conversion Efficiency
LED CURRENT (mA)
0
70
80
90
30
50
60
50
40
10
20
40
100
3590 TA01b


Similar Part No. - LT3590

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3590 LINER-LT3590 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3590 LINER-LT3590 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3590 LINEAR_DIMENSIONS-LT3590 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3590EDC-PBF LINER-LT3590EDC-PBF Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
More results

Similar Description - LT3590

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A Datasheet
383Kb / 16P
16 Channel Buck Mode LED Driver
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
logo
Linear Technology
LT3595 LINER-LT3595_15 Datasheet
390Kb / 16P
16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A_15 Datasheet
388Kb / 16P
16 Channel Buck Mode LED Driver
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
White LED Driver with Integrated Schottky in SC70
logo
Sanken electric
LC5910S SANKEN-LC5910S Datasheet
692Kb / 22P
Critical Current Mode Buck LED Driver IC
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com