Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology LT3590 Datasheet HTML 11Page - Linear Technology LT3590 Datasheet HTML 12Page - Linear Technology LT3590 Datasheet HTML 13Page - Linear Technology LT3590 Datasheet HTML 14Page - Linear Technology LT3590 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3590
11
3590f
3590 F08
VREG
VREG
VREG
CTRL
CTRL
C3
C2
C1
VIN
VIN
VIN
LED
R1
L1
LED
OUT
SW
SW
OUT
GND
GND
GND
CTRL
GND
5
6
7
8
4
3
2
1
4
5
7
6
3
2
1
R1
L1
C3
C2
C1
CTRL
GND
VREG
VIN
(a) SC70 Package
(b) 2mm × 2mm DFN Package
Figure 8. Recommended Component Placement
APPLICATIONS INFORMATION
The dimming range can be further extended by changing
the amplitude of the PWM signal. The height of the PWM
signal sets the commanded sense voltage across the sense
resistor through the CTRL pin. In this manner both analog
dimming and direct PWM dimming extend the dimming
range for a given application. The color of the LEDs no
longer remains constant because the forward current of
the LED changes with the height of the CTRL signal. For
the ten LED application described above, the LEDs can be
dimmed first, modulating the duty cycle of the PWM signal.
Once the minimum duty cycle is reached, the height of the
PWM signal can be decreased below 1.5V down to 150mV.
The use of both techniques together allows the average
LED current for the ten LED application to be varied from
50mA down to less than 50μA.
Internal Voltage Regulator
The LT3590 has a 3.3V onboard voltage regulator capable
of sourcing up to 1mA of current for use by an external
device. This feature may be used to power-up a controller
from the LT3590. The 3.3V is available even during shut-
down. It is required to place a 0.1μF capacitor from VREG
to ground. The regulator current is limited to 1.5mA.
Board Layout Considerations
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essen-
tial. Minimize the length and area of all traces connected
to the switching node pin (SW). Keep the sense voltage
pins (VIN and LED) away from the switching node. Place
the output capacitor, C2, next to the VIN pin. Always use
a ground plane under the switching regulator to minimize
interplane coupling. Recommended component placement
is shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com