Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology LT3590 Datasheet HTML 11Page - Linear Technology LT3590 Datasheet HTML 12Page - Linear Technology LT3590 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3590
9
3590f
Programming LED Current
The feedback resistor (R1 in Figure 1) and the sense volt-
age (VIN -VLED) control the LED current.
I
VV
R
LED
IN
LED
=
−
1
The CTRL pin controls the sense reference voltage as
shown in the Typical Performance Characteristics. For
CTRL higher than 1.5V, the sense reference is 200mV,
which results in full LED current. In order to have accu-
rate LED current, precision resistors are preferred (1%
is recommended). The formula and table for R1 selection
are shown below.
R
mV
ILED
1
200
=
Table 3. R1 Theoretical Value for 200mV Sense
ILED (mA)
R1 (Ω)
10
20
20
10
30
6.8
40
5.0
50
4.0
Dimming Control
There are three different types of dimming control circuits.
The LED current can be set by modulating the CTRL pin
with a DC voltage, a filtered PWM signal or directly with
a PWM signal.
APPLICATIONS INFORMATION
Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The CTRL pin voltage can be modulated to set the dim-
ming of the LED string. As the voltage on the CTRL pin
increases from 0V to 1.5V, the LED current increases from
0 to ILED. As the CTRL pin voltage increases beyond 1.5V,
it has no effect on the LED current.
The LED current can be set by:
ILED =
200mV
R1
,when VCTRL > 1.5V
ILED =
VCTRL
6.25 • R1
,when VCTRL < 1.25V
Feedback voltage variation versus control voltage is
shown in Figure 4.
Using a Filtered PWM Signal
A variable duty cycle PWM can be used to control the
brightness of the LED string. The PWM signal is filtered
(Figure 5) by a RC network and fed to the CTRL pin.
The corner frequency of R1, C1 should be much lower
than the frequency of the PWM signal. R1 needs to be
much smaller than the internal impedance in the CTRL
pin which is 100kΩ.
Figure 4. Dimming and Shutdown Using CTRL Pin
VCTRL (V)
0
0.10
0.15
2.0
3590 F04
0.05
0
0.5
1.0
1.5
0.25
0.20
Figure 5. Dimming Control Using a Filtered PWM Signal
PWM
kHz TYP
CTRL
C1
1μF
R1
10k
3590 F05
LT3590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com