Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 5 Page - Linear Technology

  LT3590 Datasheet HTML 1Page - Linear Technology LT3590 Datasheet HTML 2Page - Linear Technology LT3590 Datasheet HTML 3Page - Linear Technology LT3590 Datasheet HTML 4Page - Linear Technology LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3590
5
3590f
TYPICAL PERFORMANCE CHARACTERISTICS
Sense Voltage (VIN – VLED)
vs VCTRL
Switching Current Limit
vs Duty Cycle
Switching Current Limit
vs Temperature
Sense Voltage (VIN – VLED)
vs VIN
Sense Voltage (VIN – VLED)
vs Temperature
Switching Frequency over
Temperature
Internal Regulator
Line Regulation
Internal Regulator
Load Regulation
Internal Regulator
VREG vs Temperature
VCTRL (V)
0
0.20
2
0.15
0.10
0
0.5
1
1.5
0.05
0.25
3590 G09
VIN = 48V
ILED = 50mA
TA = 25°C
DUTY CYCLE (%)
0
120
130
140
80
110
100
20
40
60
100
90
80
150
3590 G10
TA = 25°C
TEMPERATURE (°C)
–50
25
110
90
–25
0
50
80
150
140
130
120
100
75
100
125
3590 G11
VIN (V)
0
206
204
202
200
198
196
194
30
50
10
20
40
60
3590 G12
ILED = 50mA
10 WHITE LEDs
TA = 25°C
TEMPERATURE (°C)
–50
206
25
200
196
–25
0
50
194
204
202
198
75
100
125
3590 G13
TEMPERATURE (°C)
–50
25
900
800
–25
0
50
750
700
1000
950
850
75
100
125
3590 G14
VIN = 48V
VIN (V)
0
3.40
3.35
3.30
3.25
3.20
30
10
20
40
60
50
3590 G15
VCTRL = 3.3V
ILOAD = 1mA
VCTRL = 0V
ILOAD = 0V
TA = 25°C
ILOAD (mA)
0
3.40
3.35
3.30
3.25
3.20
0.6
0.2
0.4
0.8
1
3590 G16
VCTRL = 0V
ILED = 0V
VCTRL = 3.3V
ILED = 50mA
TA = 25°C
TEMPERATURE (°C)
–50
3.20
3.25
3.30
3.35
3.40
–25
0
25
50
3590 G17
75
100
125
VCTRL = 3.3V
ILOAD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com