Electronic Components Datasheet Search
  English  ▼

X  

AN4073 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 7Page - STMicroelectronics AN4073 Datasheet HTML 8Page - STMicroelectronics AN4073 Datasheet HTML 9Page - STMicroelectronics AN4073 Datasheet HTML 10Page - STMicroelectronics AN4073 Datasheet HTML 11Page - STMicroelectronics AN4073 Datasheet HTML 12Page - STMicroelectronics AN4073 Datasheet HTML 13Page - STMicroelectronics AN4073 Datasheet HTML 14Page - STMicroelectronics AN4073 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID022945 Rev 5
11/32
AN4073
STM32F2 and STM32F4 practical measurements
31
3
STM32F2 and STM32F4 practical measurements
This section only applies to all STM32F2xx, STM32F405, STM32F415, STM32F407 and
STM32F417 microcontrollers.
This section gives some ADC accuracy measurements, putting the previously described
methods into practice.
3.1
Measurement conditions
3.1.1
Hardware setup
STM32F407ZGT6 soldered on a test board (with only a minimum number of other
hardware components)
Ambient temperature: 25°C
3 power supplies are applied to the MCU: VDD/VSS, VDDA/VSSA, VREF+/VREF-
Power supply range: VDD=VDDA=VREF+ = 3.3 V, fADC = 36 MHz
Clock source: external clock (8 MHz) provided by a generator, PLL is enabled,
fCPU = 144 MHz
Three fixed analog input voltages are tested: 0.3 V, 1.65 V and 3 V
3.1.2
Firmware setup
ADC channel 2 is used in single conversion mode
50000 acquisitions were taken for each fixed analog input voltage
Five firmware methods were used to examine the ADC converted data:
–
Raw data (without averaging)
–
Averaging of 4 ADC samples
–
Averaging of 6 ADC samples
–
Averaging of 8 ADC samples
–
Averaging of 8 ADC samples and deleting the 4 most dispersed samples
Note:
All tests were done with fADC = 36 MHz, sampling time = 3 ADC cycles and ADC resolution
= 12 bits in order to achieve the fastest ADC conversion (2.4 Msps).
3.2
Results
These measurements have been done based on a characterization of the ADC and are
confirmed by further investigations (about 100 tests), where many parameters were
evaluated to analyze the impact of each one.
The following measurements were considered while evaluating the impact of three different
ART configurations on the ADC accuracy:
ART ON: (data cache + instruction cache + prefetch) ON
ART OFF: (data cache + instruction cache + prefetch) OFF
(Data cache + instruction cache) ON + prefetch OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com