Electronic Components Datasheet Search
  English  ▼

X  

AN4073 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 16Page - STMicroelectronics AN4073 Datasheet HTML 17Page - STMicroelectronics AN4073 Datasheet HTML 18Page - STMicroelectronics AN4073 Datasheet HTML 19Page - STMicroelectronics AN4073 Datasheet HTML 20Page - STMicroelectronics AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics AN4073 Datasheet HTML 23Page - STMicroelectronics AN4073 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
STM32F4 ADC accuracy options
AN4073
20/32
DocID022945 Rev 5
4.2.1
Hardware Setup
The hardware environment used for the ADC tests is the same as the one described in
Section 3.1.1: Hardware setup, with the use of STM32F43x.
4.2.2
Common firmware setup
 ADC1 Channel 1 is used in single conversion mode,
 The sampling time is fixed to 3 ADC clock cycles,
 50000 acquisition was taken for each fixed analog input voltage,
All tests are done with FADC = 36 MHz, sampling time= 3 ADC cycles and ADC
resolution = 12 bits in order to achieve the fastest ADC conversion which is equal to
2.4 MSPS.
4.2.3
Results
The following measurements were taken while evaluating the impact of the ADC accuracy
options embedded on these products at three different ART configurations which are:
 ART ON: (data cache + instruction cache + prefetch) ON,
 ART OFF: (data cache + instruction cache + prefetch) OFF,
 (Data cache + instruction cache) ON + Prefetch OFF
1.
ADC measurements when ART is ON
The following table and graph show the ADC code distribution when ART is ON at two
different conditions: Default STM32 configuration and when Option 2 is active:
Table 7. Distribution of ADC codes when ART is ON
VIN
Default
Option 1
Option 2
Dispersion
(LSB)
sample over
+-5 LSB
Dispersion
(LSB)
sample
over +-5
LSB
Dispersion
(LSB)
sample over
+-5 LSB
0.3 V
7
0%
(1)
1. Option 1 is not applicable since Prefetch is ON in this case.
40%
1.65 V
9
0%
6
0%
3V
7
0%
6
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com