Electronic Components Datasheet Search
  English  ▼

X  

AN4073 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 20Page - STMicroelectronics AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics AN4073 Datasheet HTML 23Page - STMicroelectronics AN4073 Datasheet HTML 24Page - STMicroelectronics AN4073 Datasheet HTML 25Page - STMicroelectronics AN4073 Datasheet HTML 26Page - STMicroelectronics AN4073 Datasheet HTML 27Page - STMicroelectronics AN4073 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
STM32F4 ADC accuracy options
AN4073
24/32
DocID022945 Rev 5
Figure 13. Distribution of ADC codes when (D+I) cache ON + Prefetch OFF VIN = 1.65V
Figure 14. Distribution of ADC codes when (D+I) cache ON + Prefetch OFF VIN = 3 V
0
5000
10000
15000
20000
25000
30000
35000
40000
2045
2046
2047
2048
2049
2050
2051
2052
code (dec)
Default
Option 1
Option 2
MS30761V1
0
5000
10000
15000
20000
25000
30000
35000
40000
45000
3736
3737
3738
3739
3740
3741
3742
3743
3744
3745
code (dec)
Default
Option 1
Option 2
MS30762V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com