Electronic Components Datasheet Search
  English  ▼

X  

AN4073 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics AN4073 Datasheet HTML 23Page - STMicroelectronics AN4073 Datasheet HTML 24Page - STMicroelectronics AN4073 Datasheet HTML 25Page - STMicroelectronics AN4073 Datasheet HTML 26Page - STMicroelectronics AN4073 Datasheet HTML 27Page - STMicroelectronics AN4073 Datasheet HTML 28Page - STMicroelectronics AN4073 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID022945 Rev 5
25/32
AN4073
STM32F4 ADC accuracy options
31
4.3
Measurement conclusions
Based on these measurements and comparing to STM32F2xx and STM32F405/F415/F407/
F417 measurements, we can conclude that ADC accuracy options embedded on these
products allow an improvement of the ADC code dispersion up to 75 %.
For the applicable products, you can choose either to work with the default configuration or
to enable one of the options; It depends on the ADC precision required by the application.
Based on these typical measurements, to achieve the best ADC accuracy with these
products, you need to know that:
For the Default configuration: Prefetch OFF + Data cache ON + Instruction cache ON
gives a maximum of 8 codes of dispersion.
When activating Option 1: Prefetch OFF + Data cache ON + Instruction cache ON
gives a maximum of 6 codes of dispersion.
When activating Option 2: Prefetch ON + Data cache ON + Instruction cache ON gives
a maximum of 6 codes of dispersion.
However, Options 1 and 2 should only be applied in specific conditions as detailed above
(refer to Section 4.1) to avoid any MCU malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com