Electronic Components Datasheet Search
  English  ▼

X  

AN4073 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 15Page - STMicroelectronics AN4073 Datasheet HTML 16Page - STMicroelectronics AN4073 Datasheet HTML 17Page - STMicroelectronics AN4073 Datasheet HTML 18Page - STMicroelectronics AN4073 Datasheet HTML 19Page - STMicroelectronics AN4073 Datasheet HTML 20Page - STMicroelectronics AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics AN4073 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID022945 Rev 5
19/32
AN4073
STM32F4 ADC accuracy options
31
This could be activated by setting the ADCxDC2 (bit 16 - bit18) in the SYSCFG_PMC
register.
Warning:
These bits can only be set at the following conditions:
- Minimum ADC clock is 30MHz.
- Only one ADCxDC2 bit must be selected in case ADC
conversion does not start at the same time and different
sampling times are used.
- ADC resolution should be equal to 12 bits.
- This bit must not be set when the ADCDC1 bit in PWR_CR
register is set.
In this option, one bit for each ADC is available in SYSCFG_PMC register. There is more
flexibility to enable or not this option for each ADC separately.
As stated in the warning above, these three bits should not be activated simultaneously in
some conditions.
Following are the ADC modes versus the simultaneously usage of ADCxDC2 bits:
For more details about the exact firmware sequence to enable Option 2, please refer to
Section C.2: Option 2.
The ADC accuracy when activating this option will be detailed in the next section.
4.2
Practical measurements
In this section, practical ADC measurements are done in order to demonstrate the impact of
these ADC accuracy options.
Table 6. ADCxDC2 usage versus ADC mode
Single
mode
(1)
Multi ADC Modes
Injected
simultaneous
Regular
simultaneous
Interleaved
Alternate
trigger
Injected
simultaneous
+ Regular
simultaneous
Regular
simultaneous
+ Alternate
trigger
One
ADCxDC2
YES
YES
YES
YES
YES
YES
YES
Some or all
ADCxDC2
NO
(2)
(2)
NO
(3)
(2)
(2)
1. When two or three ADCs are activated separately and each one is configured in single mode, only one ADCxDC2 bit
should be used.
2. Some or all ADCxDC2 bits could be used in case the same sampling time is used for all ADCs.
3. Some or all ADCxDC2 bits could be used in case the start of conversion triggers are controlled to set up an interval
between each ADC end of sampling equal to or greater than 15 ADC cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com