Electronic Components Datasheet Search
  English  ▼

X  

AN4073 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4073 Datasheet HTML 14Page - STMicroelectronics AN4073 Datasheet HTML 15Page - STMicroelectronics AN4073 Datasheet HTML 16Page - STMicroelectronics AN4073 Datasheet HTML 17Page - STMicroelectronics AN4073 Datasheet HTML 18Page - STMicroelectronics AN4073 Datasheet HTML 19Page - STMicroelectronics AN4073 Datasheet HTML 20Page - STMicroelectronics AN4073 Datasheet HTML 21Page - STMicroelectronics AN4073 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
STM32F4 ADC accuracy options
AN4073
18/32
DocID022945 Rev 5
4
STM32F4 ADC accuracy options
This section only applies to STM32F42x/F43x microcontrollers.
Before describing the STM32F42x and STM32F43x ADC evaluation results, the silicon
configurable options embedded on these products to enhance the ADC accuracy will be
detailed.
4.1
Configuration options for ADC accuracy
By default, on these products, noise filtering techniques are activated internally between the
ADC analog block and other microcontroller blocks. These techniques will reduce the power
supply noise, the signal crosstalk and the EMI-induced noise. For more details about
practical ADC results in this condition, please refer to section 4.2.3.
To further improve the ADC accuracy, two configurable options are available. The following
names are used throughout the document:
Default: The default STM32 configuration which is always active out of reset.
Option 1: The first configurable option which can be activated by firmware.
Option 2: The second configurable option which can be activated by firmware.
4.1.1
Option 1
This option can be activated or not by firmware.
By default, it is not active. When activated by firmware, it continuously masks the extra flash
access generated by the prefetch mechanism which can produce random noise impacting
the ADC accuracy.
This could be activated by setting the ADCDC1 (bit 13) in the PWR_CR register.
Warning:
This bit can only be set at the following conditions:
- Prefetch must be OFF.
- VDD voltage ranges from 2.4 V to 3.6 V.
- This bit must not be set when the ADCxDC2 bit in
SYSCFG_PMC register is set.
For more details about the exact firmware sequence to enable Option 1, please refer to
Section C.1: Option 1.
The ADC accuracy results when activating this option, will be detailed in next section.
4.1.2
Option 2
This option can be activated or not by firmware.
By default, it is not active. When activated by firmware, it masks the internal flash noise
during the last ADC sampling cycle. This will improve the ADC immunity versus internal
spurious flash noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com