Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics AN4126 Datasheet HTML 10Page - STMicroelectronics AN4126 Datasheet HTML 11Page - STMicroelectronics AN4126 Datasheet HTML 12Page - STMicroelectronics AN4126 Datasheet HTML 13Page - STMicroelectronics AN4126 Datasheet HTML 14Page - STMicroelectronics AN4126 Datasheet HTML 15Page - STMicroelectronics AN4126 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Transmitter parameter
AN4126
12/28
Doc ID 023299 Rev 1
3.1.2
Carrier frequency separation
Frequency hopping systems must have hopping channel carrier frequencies separated by a
minimum of 25 kHz or the 20 dB bandwidth of the hopping channel, whichever is greater.
The measurement is performed in conducted mode connecting the SPIRIT1 application
board to a spectrum analyzer. The RBW (resolution bandwidth) of the spectrum is set to 100
kHz, the VBW (video bandwidth) is set equal to the RBW. The center frequency of the
spectrum analyzer is set to the middle of the hopping channel, the span is adjusted wide
sufficient to see the hopping channels. Since the FCC refers to the carrier frequency
separation, this parameter can be measured on either an unmodulated or modulated signal.
The measurement on the SPIRIT1 is done with an unmodulated carrier. The measured
channel separation is the minimum possible, 25 kHz, and the hop is shown in
Figure 5. If
numerous data rates and deviation settings are applied for different modes of operation, a
separate measurement must be made for each mode.
Figure 5.
Minimum carrier frequency separation measurement
3.1.3
Number of hopping channels
Frequency hopping systems operating in the 902 - 928 MHz band use at least 25 or 50
hopping frequencies. To perform this measurement, set the spectrum with the start
frequency to 902 MHz and stop frequency to 928 MHz. The RBW (resolution bandwidth) of
the spectrum is set to 100 kHz, the VBW (video bandwidth) is set equal to the RBW.
In the SPIRIT1, the full bandwidth coverage is measured with 53 jumps from 902 MHz to
928 MHz with a step of 500 kHz. So it is possible to show that more than 50 hopping
channels are covered by SPIRIT1, making it useful in applications that want to work on FCC
part 15.247 frequency hopping systems.
AM13150v1
-60
-50
-40
-30
-20
-10
0
10
20
9.151E+08
9.151E+08
9.151E+08
9.151E+08
9.151E+08
9.151E+08
Frequency [Hz]
25 kHz hopping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com