Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 16Page - STMicroelectronics AN4126 Datasheet HTML 17Page - STMicroelectronics AN4126 Datasheet HTML 18Page - STMicroelectronics AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics AN4126 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Transmitter parameter
AN4126
20/28
Doc ID 023299 Rev 1
Figure 14.
Power spectral density measurement
3.2.4
Digital modulation schemes 100 kHz bandwidth of band edges
conducted emission
According to part 15.247, in any 100 kHz bandwidth outside the frequency bands in which
the spread spectrum intentional radiator is operating, the radio frequency power that is
produced by the intentional radiator must be at least 20 dB below that in the 100 kHz
bandwidth within the band that contains the highest level of the desired power. In addition,
radiated emissions which fall in the restricted bands, as defined in part 15.205, must also
comply with the radiated emission limits specified in part 15.209.
To perform these measurements, select the channels closest to the frequency band edges
at 902 MHz and 928 MHz. Set the span to be wide enough to observe the peak level of the
emission on the channel closest to the band edge as well as any modulation products that
fall outside the authorized band of operation. The RBW (resolution bandwidth) is set to 100
kHz, the RBW is set to 100 kHz or greater. The measurements are performed at 902 and
928 MHz with a data rate of 500 kbps, a frequency deviation of 250 kHz and a 2-FSK
modulation. In
Figure 15 and 16 the measured spectrums are shown. The conducted
emissions in the band edges are lower than 20 dB integrated in 100 kHz bandwidth, making
the SPIRIT1 usable for the FCC part 15.247 digital modulation scheme.
AM13158v1
-50
-40
-30
-20
-10
0
10
20
9.150E+08
9.150E+08
9.150E+08
9.151E+08
9.151E+08
9.151E+08
9.151E+08
9.151E+08
9.151E+08
9.151E+08
Frequency [Hz]
2-FSK, 500 kbps 250 kHz
Max power spectral density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com