Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics AN4126 Datasheet HTML 24Page - STMicroelectronics AN4126 Datasheet HTML 25Page - STMicroelectronics AN4126 Datasheet HTML 26Page - STMicroelectronics AN4126 Datasheet HTML 27Page - STMicroelectronics AN4126 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AN4126
Transmitter parameter
Doc ID 023299 Rev 1
25/28
Figure 20.
Spurious conducted emission below 1 GHz measurement
Figure 21.
Spurious conducted emission above 1 GHz measurement
AM13164v1
-70
-60
-50
-40
-30
-20
-10
0
10
1.000E+07
1.100E+08
2.100E+083.100E+08
4.100E+08
5.100E+08
6.100E+08
7.100E+088.100E+08
9.100E+08
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz
AM13165v1
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
1.000E+09
2.000E+09
3.000E+09
4.000E+09
5.000E+09
6.000E+09
7.000E+09
8.000E+09
9.000E+09
1.000E+10
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz
2nd harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com