Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics AN4126 Datasheet HTML 24Page - STMicroelectronics AN4126 Datasheet HTML 25Page - STMicroelectronics AN4126 Datasheet HTML 26Page - STMicroelectronics AN4126 Datasheet HTML 27Page - STMicroelectronics AN4126 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Transmitter parameter
AN4126
24/28
Doc ID 023299 Rev 1
Figure 19.
Peak output power at -1 dBm measurement
3.3.2
Conducted harmonics and other harmonics emissions
The maximum permitted field strength of harmonic components for the device working on
the 902 - 928 MHz band is 500 µV/m at 3 m distance: this equates to a conducted power
level of about -41 dBm.
Emissions radiated outside the specified frequency band, except for harmonics, must be
attenuated by at least 50 dB below the level of the fundamental or to the general radiated
emission limits in part 15.209, whichever has the lesser attenuation. According to part
15.33, for an intentional radiator operating below 10 GHz, the frequency range of
measurements must be until the tenth harmonic of the highest fundamental or to 40 GHz,
whichever is lower. The SPIRIT1’s highest fundamental frequency is 928 MHz, so the tenth
harmonic is 9.28 GHz which is the frequency range of measurement.
In
Figure 20 and 21 the harmonics and other harmonics conducted emissions are shown.
The FCC emission mask in accordance with part 15.249 and 15.209 requirements is also
reported. The carrier is modulated with a 2-FSK modulation with a data rate of 500 kbps and
a frequency deviation of 250 kHz. The SPIRIT1 fully complies with the conducted spurious
emission requirements. Pay attention to
Figure 21 as it may seem that the 2nd harmonics
doesn't meet the specification. The requirement for this spurious level is -41 dBm as the
maximum level, the spurious level is -43 dBm, so the specification is met.
AM13163v1
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
9.140E+08
9.145E+08
9.150E+08
9.155E+08
9.160E+08
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com