Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 13Page - STMicroelectronics AN4126 Datasheet HTML 14Page - STMicroelectronics AN4126 Datasheet HTML 15Page - STMicroelectronics AN4126 Datasheet HTML 16Page - STMicroelectronics AN4126 Datasheet HTML 17Page - STMicroelectronics AN4126 Datasheet HTML 18Page - STMicroelectronics AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN4126
Transmitter parameter
Doc ID 023299 Rev 1
17/28
Figure 11.
Spurious conducted emission above 1 GHz measurement
3.2
Part 15.247 measurement for digital modulation schemes
3.2.1
Signal bandwidth
The 6 dB channel bandwidth is defined as the difference between the upper and lower
frequencies that are -6 dB relative to the peak. The measurement is performed in conducted
mode connecting the SPIRIT1 application board to a spectrum analyzer. The RBW
(resolution bandwidth) of the spectrum must be set to about 1% of the measured 6 dB
bandwidth, the VBW (video bandwidth) must be equal or greater than the RBW. The span
must be set wide enough to capture the entire modulation envelope.
In
Figure 12 the case with 2-FSK modulation, 500 kbps data rate and 250 kHz frequency
deviation is shown. The 6 dB bandwidth is more than 500 kHz, so the SPIRIT1 is usable for
the digital modulation schemes as defined in FCC part 15.247.
AM13155v1
-70
-60
-50
-40
-30
-20
-10
0
1.000E+09
2.000E+09
3.000E+09
4.000E+09
5.000E+09
6.000E+09
7.000E+09
8.000E+09
9.000E+09
1.000E+10
Frequency [Hz]
2-FSK, 250 kbps, 127 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com