Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 14Page - STMicroelectronics AN4126 Datasheet HTML 15Page - STMicroelectronics AN4126 Datasheet HTML 16Page - STMicroelectronics AN4126 Datasheet HTML 17Page - STMicroelectronics AN4126 Datasheet HTML 18Page - STMicroelectronics AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Transmitter parameter
AN4126
18/28
Doc ID 023299 Rev 1
Figure 12.
6 dB bandwidth measurement
3.2.2
Digital modulation schemes peak output power
To measure the peak output power, center the spectrum analyzer on the required channel
and put the SPIRIT1 into modulated mode. Set the span about 5 times the 6 dB bandwidth
measurement, the RBW greater than the 6 dB bandwidth and the VBW equal to or greater
than the RBW. The maximum permitted peak conducted output power is 30 dBm (1 W). The
SPIRIT1 output power is lower than the maximum permitted output power. An external PA
can be used to reach the maximum output power.
To perform this measurement on the SPIRIT1, the cases with 2-FSK modulation, 500 kbps
data rate and 250 kHz frequency deviation are chosen. The span is set to 2 MHz (3 times
the 6 dB measured bandwidth), the RBW is set to 1 MHz (greater than the 6 dB bandwidth),
and the VBW equal to the RBW. The measured SPIRIT1 output power is 10 dBm. This
output power is lower than the maximum permitted output power. An external PA must be
used to reach the maximum output power.
AM13156v1
-50
-40
-30
-20
-10
0
10
20
9.131E+08
9.136E+08
9.141E+08
9.146E+08
9.151E+08
9.156E+08
9.161E+08
9.166E+08
9.171E+08
Frequency [Hz]
2-FSK, 500 kbps 250 kHz
6 dB bandwidth
6 dB bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com