Electronic Components Datasheet Search
  English  ▼

X  

AN4126 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 15Page - STMicroelectronics AN4126 Datasheet HTML 16Page - STMicroelectronics AN4126 Datasheet HTML 17Page - STMicroelectronics AN4126 Datasheet HTML 18Page - STMicroelectronics AN4126 Datasheet HTML 19Page - STMicroelectronics AN4126 Datasheet HTML 20Page - STMicroelectronics AN4126 Datasheet HTML 21Page - STMicroelectronics AN4126 Datasheet HTML 22Page - STMicroelectronics AN4126 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AN4126
Transmitter parameter
Doc ID 023299 Rev 1
19/28
Figure 13.
Peak output power measurement
3.2.3
Power spectral density
The power spectral density conducted from the intentional radiator to the antenna must not
be greater than 8 dBm in any 3 kHz band during any time interval of continuous
transmission. The method to measure the power spectral density is similar to that used for
the conducted output power. The spectrum analyzer must be centered on the emission peak
within the signal passband. Set the RBW (resolution bandwidth) to 3 kHz and the VBW
(video bandwidth) greater than the RBW. Set the span to obtain a measured spectral line
spacing greater than 3 kHz: in this case no correction factor is required. If it is not possible to
set a measured spectral line spacing greater than 3 kHz, measure directly the noise power
density normalized to 1 Hz, then add 35 dB for correction to 3 kHz. The peak measured
signal level should not exceed +8 dBm.
To perform this measurement, the SPIRIT1 is programmed with a 2-FSK modulation with
500 kbps data rate and 250 kHz frequency deviation. The measurement result is shown in
Figure 14. The SPIRIT1 meets the power spectral density requirement with large margin.
AM13157v1
-10
-5
0
5
10
15
20
9.140E+08
9.145E+08
9.150E+08
9.155E+08
9.160E+08
Frequency [Hz]
2-FSK, 500 kbps, 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com