Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 1 Page - Linear Technology

  LTC3443 Datasheet HTML 1Page - Linear Technology LTC3443 Datasheet HTML 2Page - Linear Technology LTC3443 Datasheet HTML 3Page - Linear Technology LTC3443 Datasheet HTML 4Page - Linear Technology LTC3443 Datasheet HTML 5Page - Linear Technology LTC3443 Datasheet HTML 6Page - Linear Technology LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3443
1
3443fa
■ Regulated Output with Input Above, Below or Equal
to the Output
■ Single Inductor, No Schottky Diodes
■ High Efficiency: Up to 96%
■ 28
μA Quiescent Current in Burst Mode® Operation
■ Up to 1.2A Continuous Output Current from a Single
Lithium-Ion
■ True Output Disconnect in Shutdown
■ 2.4V to 5.5V Input Range
■ 2.4V to 5.25V Output Range
■ 600kHz Fixed Frequency Operation
■ Synchronizable Oscillator
■ Selectable Burst Mode or Fixed Frequency Operation
■ <1
μA Quiescent Current in Shutdown
■ Small, Thermally Enhanced 12-Lead
(4mm
× 3mm × 0.8mm) DFN package
High Current Micropower
600kHz Synchronous Buck-Boost
DC/DC Converter
■ Handheld Computers
■ Handheld Instruments
■ MP3 Players
■ Digital Cameras
Efficiency vs VIN
The LTC
®3443 is a high efficiency, fixed frequency, buck-
boost DC/DC converter that operates from input voltages
above, below or equal to the output voltage. The part is pin
for pin compatible with its predecessor, the LTC3441, with
a lower operating frequency (600kHz), and a VC pin clamp
circuit during Burst Mode operation. The topology incor-
porated in the IC provides a continuous transfer function
through all operating modes, making the product ideal for
single Lithium Ion or multicell applications where the out-
put voltage is within the battery voltage range.
The device includes two 0.10
Ω N-channel MOSFET
switches and two 0.11
Ω P-channel switches. External
Schottky diodes are optional, and can be used for a
moderate efficiency improvement. The operating frequency
is internally set to 600kHz and can be synchronized up to
1.2MHz. Quiescent current is only 28
μA in Burst Mode
operation, maximizing battery life in portable applications.
Burst Mode operation is user controlled and can be
enabled by driving the MODE/SYNC pin high. If the MODE/
SYNC pin is driven low or with a clock, then fixed fre-
quency switching is enabled.
Other features include a 1
μA shutdown, soft-start control,
thermal shutdown and current limit. The LTC3443 is
available in a thermally enhanced 12-lead (4mm
× 3mm)
DFN Package.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Li-Ion to 3.3V at 1A Buck-Boost Converter
SW1
PVIN
VIN
SHDN/SS
MODE/SYNC
PGND
SW2
VOUT
FB
VC
GND
PGND
LTC3443
10
μF
VIN
2.5V
TO 4.2V
Li-Ion
15k
340k
44
μF
(2
× 22μF)
VOUT
3.3V
1A
200k
560pF
3443 TA01
6
μH
2.2k
220pF
VIN (V)
2.7
50
60
70
80
3.2
3.7
4.2
4.7
3443 TA02
90
100
55
65
75
85
95
5.2
IOUT = 1A
IOUT = 200mA
VOUT = 3.3V
Burst Mode is a registered trademark of Linear Technology Corporation.
U.S. Patent #’s 6404251, 6166527
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3443

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3443 LINER-LTC3443 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3443 LINER-LTC3443 Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Analog Devices
LTC3443 AD-LTC3443 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results

Similar Description - LTC3443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com