Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology LTC3443 Datasheet HTML 10Page - Linear Technology LTC3443 Datasheet HTML 11Page - Linear Technology LTC3443 Datasheet HTML 12Page - Linear Technology LTC3443 Datasheet HTML 13Page - Linear Technology LTC3443 Datasheet HTML 14Page - Linear Technology LTC3443 Datasheet HTML 15Page - Linear Technology LTC3443 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3443
16
3443fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0507 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1613
550mA (ISW) 1.4MHz High Efficiency Step-Up DC/DC Converter
VIN: 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA,
ISD ≤ 1μA, ThinSOT
TM
LT1616
500mA (IOUT) 1.4MHz High Efficiency Step-Down DC/DC Converter High Efficiency, VIN: 3.6V to 25V, VOUT(MIN) = 1.25V,
IQ = 1.9mA, ISD ≤ 1μA, ThinSOT
LTC1776
500mA (IOUT) 200kHz High Efficiency Step-Down DC/DC Converter
High Efficiency, VIN: 7.4V to 40V, VOUT(MIN) = 1.24V,
IQ = 3.2mA, ISD ≤ 30μA, N8, S8
LTC1877
600mA (IOUT) 550kHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN) = 0.8V, IQ = 10μA,
ISD ≤ 1μA, MS8
LTC1878
600mA (IOUT) 550kHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 10μA,
ISD ≤ 1μA, MS8
LTC1879
1.2A (IOUT) 550kHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN) = 0.8V, IQ = 15μA,
ISD ≤ 1μA, TSSOP16
LT1930/LT1930A
1A (ISW) 1.2MHz/2.2MHz High Efficiency Step-Up DC/DC Converter VIN 2.6V to 16V, VOUT(MAX) = 34V, IQ = 5.5mA,
ISD ≤ 1μA, ThinSOT
LTC3405/LTC3405A 300mA (IOUT) 1.5MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 20μA,
ISD ≤ 1μA, ThinSOT
LTC3406/LTC3406B 600mA (IOUT) 1.5MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V,
IQ = 20μA, ISD ≤ 1μA, ThinSOT
LTC3407
600mA (IOUT) ×2 1.5MHz Dual Synchronous Step-Down
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V,
DC/DC Converter
IQ = 40μA, ISD ≤ 1μA, 10-Lead MS
LTC3411
1.25A (IOUT) 4MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 60μA, ISD ≤ 1μA, 10-Lead MS
LTC3412
2.5A (IOUT) 4MHz Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V,
IQ = 60μA, ISD ≤ 1μA, TSSOP16E
LTC3440
600mA (IOUT) 2MHz Synchronous Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V,
IQ = 25μA, ISD ≤ 1μA, 10-Lead MS
LTC3441
High Current Micropower 1MHz Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V,
DC/DC Converter
IQ = 25μA, ISD ≤ 1μA, DFN
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com