Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology LTC3443 Datasheet HTML 10Page - Linear Technology LTC3443 Datasheet HTML 11Page - Linear Technology LTC3443 Datasheet HTML 12Page - Linear Technology LTC3443 Datasheet HTML 13Page - Linear Technology LTC3443 Datasheet HTML 14Page - Linear Technology LTC3443 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3443
11
3443fa
COMPONENT SELECTION
APPLICATIO S I FOR ATIO
For high efficiency, choose an inductor with a high fre-
quency core material, such as ferrite, to reduce core loses.
The inductor should have low ESR (equivalent series
resistance) to reduce the I2R losses, and must be able to
handle the peak inductor current without saturating. Molded
chokes or chip inductors usually do not have enough core
to support the peak inductor currents in the 1A to 2A
region. To minimize radiated noise, use a toroid, pot core
or shielded bobbin inductor. See Table 1 for suggested
components and Table 2 for a list of component suppliers.
Table 1. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
Coiltronics
(561) 241-7876
(561) 241-9339
www.coiltronics.com
Murata
USA:
USA:
www.murata.com
(814) 237-1431
(814) 238-0490
(800) 831-9172
Sumida
USA:
www.japanlink.com/
(847) 956-0666
(847) 956-0702
sumida
Japan:
81(3) 3607-5111 81(3) 3607-5144
Output Capacitor Selection
The bulk value of the capacitor is set to reduce the ripple
due to charge into the capacitor each cycle. The steady
state ripple due to charge is given by:
%_
•–
•
••
%
%_
•–
•
••
•
%
()
(
)
()
()
()
Ripple Boost
IV
V
CV
f
Ripple Buck
IV
V
CV
V
f
OUT MAX
OUT
IN MIN
OUT
OUT
OUT MAX
IN MAX
OUT
OUT
IN MAX
OUT
=
()
=
()
100
100
2
where COUT = output filter capacitor, F
The output capacitance is usually many times larger in
order to handle the transient response of the converter.
For a rule of thumb, the ratio of the operating frequency to
the unity-gain bandwidth of the converter is the amount
the output capacitance will have to increase from the
12
11
10
9
8
7
1
2
3
4
5
6
FB
VC
VIN
PVIN
VOUT
MODE
SHDN/SS
GND
PGND
SW1
SW2
PGND
VIN
VOUT
GND
MULTIPLE VIAS
3443 F06
Figure 6. Recommended Component Placement. Traces Carrying
High Current are Direct. Trace Area at FB and VC Pins are Kept
Low. Lead Length to Battery Should be Kept Short. VOUT and VIN
Ceramic Capacitors Close to the IC Pins
Inductor Selection
The high frequency operation of the LTC3443 allows the
use of small surface mount inductors. The inductor cur-
rent ripple is typically set to 20% to 40% of the maximum
inductor current. For a given ripple the inductance terms
are given as follows:
L
VV
V
fI
IN MIN
OUT
IN MIN
OUT MAX
>
()
()
()
()
•–
•
•• %
100
R
Ripple V
H
L
VV
V
fI
OUT
OUT
IN MAX
OUT
•
,
•–
•
•
()
>
() 100
O
OUT MAX
IN MAX
Ripple V
H
()
()
•%
•
where f = operating frequency, Hz
%Ripple = allowable inductor current ripple, %
VIN(MIN) = minimum input voltage, V
VIN(MAX) = maximum input voltage, V
VOUT = output voltage, V
IOUT(MAX) = maximum output load current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com