Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 3 Page - Linear Technology

  LTC3443 Datasheet HTML 1Page - Linear Technology LTC3443 Datasheet HTML 2Page - Linear Technology LTC3443 Datasheet HTML 3Page - Linear Technology LTC3443 Datasheet HTML 4Page - Linear Technology LTC3443 Datasheet HTML 5Page - Linear Technology LTC3443 Datasheet HTML 6Page - Linear Technology LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3443
3
3443fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3443E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current measurements are performed when the outputs are not
switching.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT Ripple at 1A Load
VOUT
20mV/DIV
AC-COUPLED
BUCK
VIN = 4.2V
BUCK-BOOST
VIN = 3.3V
BOOST
VIN = 2.7V
IOUT = 1A
2
μs/DIV
3443 G02
VOUT = 3.3V
Li-Ion to 3.3V Efficiency
OUTPUT CURRENT (mA)
0.1
40
50
60
70
80
1.0
10
100
1000
3443 G01
30
20
10
0
90
100
Burst Mode
OPERATION
VIN = 4.2V
VIN = 3.3V
VIN = 2.7V
(TA = 25°C unless otherwise specified)
Load Transient Response,
100mA to 1A
VOUT
100mV/DIV
1A
100mA
100
μs/DIV
3443 G03
MODE Transient Response:
Burst Mode Operation to Fixed
Frequency
VOUT
200mV/DIV
AC-COUPLED
MODE
5V/DIV
VOUT = 3.3V
500
μs/DIV
3443 G03
VIN = 3.3V
IOUT = 30mA
VOUT
100mV/DIV
AC-COUPLED
MODE
5V/DIV
VOUT = 3.3V
500
μs/DIV
3443 G03
VIN = 3.3V
IOUT = 30mA
MODE Transient Response:
Fixed Frequency to Burst Mode
Operation
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V,unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN/SS Threshold
When IC is Enabled
●
0.4
1
1.4
V
SHDN/SS Threshold
When EA is at Max Boost Duty Cycle
2
2.4
V
SHDN/SS Input Current
VSHDN = 5.5V
0.01
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com