Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology LTC3443 Datasheet HTML 10Page - Linear Technology LTC3443 Datasheet HTML 11Page - Linear Technology LTC3443 Datasheet HTML 12Page - Linear Technology LTC3443 Datasheet HTML 13Page - Linear Technology LTC3443 Datasheet HTML 14Page - Linear Technology LTC3443 Datasheet HTML 15Page - Linear Technology LTC3443 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3443
14
3443fa
TYPICAL APPLICATIO S
Li-Ion to 3.3V at 1.2A Converter
SW1
PVIN
VIN
SHDN/SS
MODE/SYNC
PGND
5
8
12
11
2
6
4
9
10
1
7
3
SW2
VOUT
FB
VC
GND
PGND
LTC3443
C1
10
μF
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
D1, D2: PHILLIPS PMEG2010EA
L1: SUMIDA CDRH6D28-6R0NC
2.8V TO 4.2V
Li-Ion
D2
*
15k
340k
C2
44
μF
(2
×22μF)
VOUT
3.3V
1.2A
200k
560pF
220pF
3443 TA03a
L1
6
μH
D1
2.2k
Efficiency vs Load
IOUT (mA)
0.1
40
50
60
70
80
1
10
10000
100
1000
3443 TA03b
30
20
10
0
90
100
Burst Mode
OPERATION
VIN = 4.2V
VIN = 3.6V
VIN = 2.8V
WITH SCHOTTKY DIODES:
PHILIPS PMEG2010EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com