Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology LTC3443 Datasheet HTML 10Page - Linear Technology LTC3443 Datasheet HTML 11Page - Linear Technology LTC3443 Datasheet HTML 12Page - Linear Technology LTC3443 Datasheet HTML 13Page - Linear Technology LTC3443 Datasheet HTML 14Page - Linear Technology LTC3443 Datasheet HTML 15Page - Linear Technology LTC3443 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3443
12
3443fa
above calculations in order to maintain the desired tran-
sient response.
The other component of ripple is due to the ESR (equiva-
lent series resistance) of the output capacitor. Low ESR
capacitors should be used to minimize output voltage
ripple. For surface mount applications, Taiyo Yuden ce-
ramic capacitors, AVX TPS series tantalum capacitors or
Sanyo POSCAP are recommended.
Input Capacitor Selection
Since the VIN pin is the supply voltage for the IC it is
recommended to place at least a 4.7
μF, low ESR bypass
capacitor.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden (408) 573-4150
(408) 573-4159
www.t-yuden.com
Optional Schottky Diodes
The Schottky diodes across the synchronous switches B
and D are not required (VOUT < 4.3V), but provide a lower
drop during the break-before-make time (typically 15ns)
of the NMOS to PMOS transition, improving efficiency.
Use a Schottky diode such as a Phillips PMEG2010EA or
equivalent. Do not use ordinary rectifier diodes, since the
slow recovery times will compromise efficiency. For appli-
cations with an output voltage above 4.3V, a Schottky
diode is required from SW2 to VOUT.
Output Voltage < 2.4V
The LTC3443 can operate as a buck converter with output
voltages as low as 0.4V. The part is specified at 2.4V
minimum to allow operation without the requirement of a
Schottky diode. Synchronous switch D is powered from
VOUT and the RDS(ON) will increase at low output voltages,
therefore a Schottky diode is required from SW2 to VOUT
to provide the conduction path to the output.
Output Voltage > 4.3V
A Schottky diode from SW to VOUT is required for output
voltages over 4.3V. The diode must be located as close to
the pins as possible in order to reduce the peak voltage on
SW2 due to the parasitic lead and trace inductance.
Input Voltage > 4.5V
For applications with input voltages above 4.5V which
could exhibit an overload or short-circuit condition, a
2
Ω/1nF series snubber is required between the SW1 pin
and GND. A Schottky diode from SW1 to VIN should also
be added as close to the pins as possible. For the higher
input voltages, VIN bypassing becomes more critical;
therefore, a ceramic bypass capacitor as close to the VIN
and GND pins as possible is also required.
Operating Frequency Selection
Additional quiescent current due to the output switches
GATE charge is given by:
Buck: 800e–12 • VIN • f
Boost: 400e–12 • (VIN + VOUT) • f
Buck/Boost: f • (1200e–12 • VIN + 400e–12 • VOUT)
where f = switching frequency
Closing the Feedback Loop
The LTC3443 incorporates voltage mode PWM control.
The control to output gain varies with operation region
(Buck, Boost, Buck/Boost), but is usually no greater than
15. The output filter exhibits a double pole response is
given by:
f
LC
Hz
FILTER POLE
OUT
_
••
•
=
π
1
2
where COUT is the output filter capacitor.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com