Electronic Components Datasheet Search
  English  ▼

X  

LTC3443 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3443
Description  High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3443 Datasheet(HTML) 4 Page - Linear Technology

  LTC3443 Datasheet HTML 1Page - Linear Technology LTC3443 Datasheet HTML 2Page - Linear Technology LTC3443 Datasheet HTML 3Page - Linear Technology LTC3443 Datasheet HTML 4Page - Linear Technology LTC3443 Datasheet HTML 5Page - Linear Technology LTC3443 Datasheet HTML 6Page - Linear Technology LTC3443 Datasheet HTML 7Page - Linear Technology LTC3443 Datasheet HTML 8Page - Linear Technology LTC3443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3443
4
3443fa
TYPICAL PERFOR A CE CHARACTERISTICS
Active Quiescent Current
TEMPERATURE (
°C)
–55
520
540
560
580
600
–25
5
35
65
3443 G07
95
125
620
530
550
570
590
610
630
VIN = VOUT = 3.6V
TEMPERATURE (
°C)
–55
65
1.241
3443 G08
5
–25
95
35
125
1.236
1.231
1.226
1.221
1.216
1.211
1.206
1.201
1.196
VIN = VOUT = 3.6V
TEMPERATURE (
°C)
–55
10
20
30
40
50
–25
5
35
65
3443 G09
95
125
VIN = VOUT = 3.6V
Feedback Voltage
Burst Mode Quiescent Current
Feedback Voltage Line Regulation
Error Amp Source Current
TEMPERATURE (
°C)
–55
60
70
80
90
–25
5
35
65
3443 G10
95
125
VIN = VOUT = 2.4V TO 5.5V
TEMPERATURE (
°C)
–55
5
10
15
20
–25
5
35
65
3443 G11
95
125
VIN = VOUT = 3.6V
Switch Pins Before Entering
Boost Mode
SW1
2V/DIV
VIN = 3V
50ns/DIV
3443 G06
VOUT = 3.3V
IOUT = 500mA
SW2
2V/DIV
(TA = 25°C unless otherwise specified)
Switch Pins in Buck-Boost Mode
SW1
2V/DIV
VIN = 3.3V
50ns/DIV
3443 G04
VOUT = 3.3V
IOUT = 500mA
SW2
2V/DIV
SW1
2V/DIV
VIN = 4.2V
50ns/DIV
3443 G05
VOUT = 3.3V
IOUT = 500mA
SW2
2V/DIV
Switch Pins Entering
Buck-Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com