Electronic Components Datasheet Search
  English  ▼

X  

1024 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 5 Page - Lattice Semiconductor

  1024 Datasheet HTML 1Page - Lattice Semiconductor 1024 Datasheet HTML 2Page - Lattice Semiconductor 1024 Datasheet HTML 3Page - Lattice Semiconductor 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications ispLSI 1024/883
5
External Timing Parameters
Over Recommended Operating Conditions
MIN. MAX.
Data Propagation Delay, 4PT bypass, ORP bypass
Data Propagation Delay, Worst Case Path
Clock Frequency with Internal Feedback3
Clock Frequency with External Feedback
Clock Frequency, Max Toggle 4
GLB Reg. Setup Time before Clock, 4PT bypass
GLB Reg. Clock to Output Delay, ORP bypass
GLB Reg. Hold Time after Clock, 4 PT bypass
GLB Reg. Setup Time before Clock
GLB Reg. Clock to Output Delay
GLB Reg. Hold Time after Clock
Ext. Reset Pin to Output Delay
Ext. Reset Pulse Duration
Input to Output Enable
Input to Output Disable
Ext. Sync. Clock Pulse Duration, High
Ext. Sync. Clock Pulse Duration, Low
I/O Reg. Setup Time before Ext. Sync. Clock (Y2, Y3)
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
ns
ns
MHz
MHz
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tpd1
tpd2
fmax (Int.)
fmax (Ext.)
fmax (Tog.)
tsu1
tco1
th1
tsu2
tco2
th2
tr1
trw1
ten
tdis
twh
twl
tsu5
th5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
A
A
A
–
–
–
A
–
–
–
–
A
–
B
C
–
–
–
–
DESCRIPTION1
PARAMETER
#
2
UNITS
TEST 5
COND.
1
tsu2 + tco1
(
)
–
–
60
38
83
9
–
0
13
–
0
–
13
–
–
6
6
2.5
8.5
20
25
–
–
–
–
13
–
–
16
–
22.5
–
24
24
–
–
–
–
-60
Table 2-0030-24 mil
1. Unless noted otherwise, all parameters use a GRP load of 4 GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-Bit loadable counter using GRP feedback.
4. fmax (Toggle) may be less than 1/(twh + twl). This is to allow for a clock duty cycle of other than 50%.
5. Reference Switching Test Conditions Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com