Electronic Components Datasheet Search
  English  ▼

X  

1024 Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor 1024 Datasheet HTML 10Page - Lattice Semiconductor 1024 Datasheet HTML 11Page - Lattice Semiconductor 1024 Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Specifications ispLSI 1024/883
12
Part Number Description
Table 2-0041A-24-mil
MILITARY/883
Note: Lattice Semiconductor recognizes the trend in military device procurement towards
using SMD compliant devices, as such, ordering by this number is recommended.
tpd (ns)
fmax (MHz)
Ordering Number
Package
60
20
ispLSI 1024-60LH/883
68-Pin JLCC
ispLSI
Family
SMD #
5962-9476101MXC
Ordering Information
Device Number
Grade
/883 = 883 Military Process
1024
XX
X
X
X
Speed
60 = 60 MHz
fmax
Power
L = Low
Package
H = JLCC
–
Device Family
ispLSI
00212-80B-isp1024 mil
ispLSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com