Electronic Components Datasheet Search
  English  ▼

X  

1024 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor 1024 Datasheet HTML 10Page - Lattice Semiconductor 1024 Datasheet HTML 11Page - Lattice Semiconductor 1024 Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Specifications ispLSI 1024/883
10
Dedicated Clock input. This clock input is brought into the clock
distribution network, and can optionally be routed to any GLB on the
device.
Dedicated Clock input. This clock input is connected to one of the clock
inputs of all of the GLBs on the device.
Input/Output Pins - These are the general purpose I/O pins used by the
logic array.
NAME
Table 2 - 0002C-24 mil
JLCC
PIN NUMBERS
DESCRIPTION
22,
26,
30,
37,
41,
45,
56,
60,
64,
3,
7,
11,
23,
27,
31,
38,
42,
46,
57,
61,
65,
4,
8,
12,
24,
28,
32,
39,
43,
47,
58,
62,
66,
5,
9,
13,
I/O 0 - I/O 3
I/O 4 - I/O 7
I/O 8 - I/O 11
I/O 12 - I/O 15
I/O 16 - I/O 19
I/O 20 - I/O 23
I/O 24 - I/O 27
I/O 28 - I/O 31
I/O 32 - I/O 35
I/O 36 - I/O 39
I/O 40 - I/O 43
I/O 44 - I/O 47
25,
29,
33,
40,
44,
48,
59,
63,
67,
6,
10,
14
54
Y1
16
Y0
55
MODE/IN 31
Input - This pin performs two functions. When ispEN is logic low, it
functions as pin to control the operation of the isp state machine. It is a
dedicated input pin when ispEN is logic high.
Ground (GND)
GND
V
VCC
CC
IN 4 - IN 5
2,
15
Input - These pins are dedicated input pins to the device.
Input - Dedicated in-system programming enable input pin. This pin is
brought low to enable the programming mode. The MODE, SDI, SDO
and SCLK options become active.
19
ispEN
Input - This pin performs two functions. When ispEN is logic low, it
functions as an input pin to load programming data into the device.
SDI/IN 0 is also used as one of the two control pins for the isp state
machine. It is a dedicated input pin when ispEN is logic high.
21
SDI/IN 01
34
SDO/IN 11
Output/Input - This pin performs two functions. When ispEN is logic low,
it functions as an output pin to read serial shift register data. It is a
dedicated input pin when ispEN is logic high.
49
SCLK/IN 21
Input - This pin performs two functions. When ispEN is logic low, it
functions as a clock pin for the Serial Shift Register. It is a dedicated
input pin when ispEN is logic high.
Active Low (0) Reset pin which resets all of the GLB and I/O registers in
the device.
20
RESET
Dedicated Clock input. This clock input is brought into the clock
distribution network, and can optionally be routed to any GLB and/or
any I/O cell on the device.
51
Y2
Dedicated Clock input. This clock input is brought into the clock
distribution network, and can optionally be routed to any I/O cell on the
device.
50
Y3
1,
18,
35,
52
17,
36,
53,
68
1. Pins have dual function capability.
2. NC pins are not to be connected to any active signals, Vcc or GND.
No Connect
NC2
—
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com