Electronic Components Datasheet Search
  English  ▼

X  

1024 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button 1024 Datasheet HTML 3Page - Lattice Semiconductor 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor 1024 Datasheet HTML 10Page - Lattice Semiconductor 1024 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Specifications ispLSI 1024/883
7
Internal Timing Parameters1
ns
ns
ns
ns
ns
ns
ns
ns
ns
–
–
–
6.0
4.6
1.3
4.6
1.3
–
4.0
6.7
6.7
6.0
7.3
6.6
7.3
6.6
12.0
Outputs
tob
toen
todis
Clocks
tgy0
tgy1/2
tgcp
tioy2/3
tiocp
Global Reset
tgr
47
48
49
50
51
52
53
54
55
Output Buffer Delay
I/O Cell OE to Output Enabled
I/O Cell OE to Output Disabled
Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
Clock Delay, Y1 or Y2 to Global GLB Clock Line
Clock Delay, Clock GLB to Global GLB Clock Line
Clock Delay, Y2 or Y3 to I/O Cell Global Clock Line
Clock Delay, Clock GLB to I/O Cell Global Clock Line
Global Reset to GLB and I/O Registers
MIN. MAX.
DESCRIPTION
PARAMETER
UNITS
-60
#
2
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com